Electronic Components Datasheet Search
  English  ▼

X  

REF3133-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF3133-Q1
Description  15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3133-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3133-Q1 Datasheet HTML 6Page - Texas Instruments REF3133-Q1 Datasheet HTML 7Page - Texas Instruments REF3133-Q1 Datasheet HTML 8Page - Texas Instruments REF3133-Q1 Datasheet HTML 9Page - Texas Instruments REF3133-Q1 Datasheet HTML 10Page - Texas Instruments REF3133-Q1 Datasheet HTML 11Page - Texas Instruments REF3133-Q1 Datasheet HTML 12Page - Texas Instruments REF3133-Q1 Datasheet HTML 13Page - Texas Instruments REF3133-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
QUIESCENT CURRENT vs POWER SUPPLY
100.5
100.0
99.5
99.0
98.5
98.0
1.5
Power Supply (V)
2.5
3.5
4.5
5.5
R
1
Q
2
Q
1 I
N
+
Vbe
1
-
+
Vbe
2
-
V
BANDGAP
Copyright © 2016, Texas Instruments Incorporated
10
REF3112-Q1, REF3120-Q1, REF3125-Q1
REF3130-Q1, REF3133-Q1, REF3140-Q1
SBVS299 – APRIL 2017
www.ti.com
Product Folder Links: REF3112-Q1 REF3120-Q1 REF3125-Q1 REF3130-Q1 REF3133-Q1 REF3140-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The REF31xx-Q1 is a family of series, CMOS, precision bandgap voltage references. The basic bandgap
topology is shown in Functional Block Diagram. Transistors Q1 and Q2 are biased such that the current density of
Q1 is greater than that of Q2. The difference of the two base-emitter voltages, Vbe1 – Vbe2, has a positive
temperature coefficient and is forced across resistor R1. This voltage is gained up and added to the base-emitter
voltage of Q2, which has a negative temperature coefficient. The resulting output voltage is virtually independent
of temperature. The curvature of the bandgap voltage, as shown in Figure 3, is due to the slightly nonlinear
temperature coefficient of the base-emitter voltage of Q2.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Supply Voltage
The REF31xx-Q1 family of references features an extremely low dropout voltage. With the exception of the
REF3112, which has a minimum supply requirement of 1.8 V, these references can be operated with a supply of
only 5 mV above the output voltage in an unloaded condition. For loaded conditions, a typical dropout voltage
versus load is shown in Typical Characteristics.
The REF31xx-Q1 features a low quiescent current that is extremely stable over changes in both temperature and
supply. The typical room temperature quiescent current is 100 μA, and the maximum quiescent current over
temperature is just 135 μA. The quiescent current typically changes less than 2 μA over the entire supply range,
as shown in Figure 20.
Figure 20. Supply Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com