Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVR
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS2DBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN65LVDS2DBVR Datasheet HTML 18Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 19Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 20Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 21Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 22Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 23Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 24Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 25Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
www.ti.com
Figure 20. Controlled-Impedance Transmission Lines
10.2.1.2.7
Termination Resistor
As shown earlier, an LVDS communication channel employs a current source driving a transmission line which is
terminated with a resistive load. This load serves to convert the transmitted current into a voltage at the receiver
input. To ensure incident wave switching (which is necessary to operate the channel at the highest signaling
rate), the termination resistance should be matched to the characteristic impedance of the transmission line. The
designer should ensure that the termination resistance is within 10% of the nominal media characteristic
impedance. If the transmission line is targeted for 100-
Ω impedance, the termination resistance should be
between 90
Ω and 110 Ω.
The line termination resistance should be located as close as possible to the receiver, thereby minimizing the
stub length from the resistor to the receiver. The limiting case would be to incorporate the termination resistor
into the receiver, which is exactly what is offered with the SN65LVDT2. The SN65LVDT2 provides all the
functionality and performance of the SN65LVDS2 receiver, with the added feature of an integrated termination
load.
While we talk in this section about point-to-point communications, a word of caution is useful when a multidrop
topology is used. In such topologies, line termination resistors are to be located only at the end(s) of the
transmission line. In such an environment, SN65LVDS2 receivers could be used for loads branching off the main
bus, with an SN65LVDT2 used only at the bus end.
10.2.1.2.8
Driver NC Pins
NC (not connected) pins are pins where the die is not physically connected to the lead frame or package. For
optimum thermal performance, a good rule of thumb is to ground the NC pins at the board level.
22
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com