Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVR
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS2DBVR Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDS2DBVR Datasheet HTML 1Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 2Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 3Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 4Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 5Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 6Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 7Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 8Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
www.ti.com
Pin Functions: SN65LVDS2, SN65LVDT2
PIN
I/O
DESCRIPTION
NAME
DBV
D
VCC
1
8
--
Supply voltage
GND
2
5
--
Ground
A
3
2
I
Differential (LVDS) non-inverting output
B
4
1
I
Differential (LVDS) inverting output
R
5
7
O
LVTTL output signal
NC
--
3, 4, 6
--
No connect
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
Supply voltage range, VCC
(2)
–0.5
4
V
(A or B)
–0.5
4
V
Input voltage range, VI
(D)
–0.5
VCC + 2
V
Output voltage, VO
(Y or Z)
–0.5
4
V
Differential input voltage magnitude, |VID|
SN65LVDT2 only
1
V
Receiver output current, IO
–12
12
mA
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages are with respect to network ground terminal.
7.2 ESD Ratings
VALUE
UNIT
Human-body model electrostatic discharge, HBM
All pins
±4000
ESD(1)
Bus pins (A, B, Y, Z)
±9000
Electrostatic
V(ESD)
V
discharge
Machine-model electrostatic discharge, MM ESD(2)
±400
Field-induced-charge device model electrostatic discharge, FCDM ESD(3)
±1500
(1)
Test method based upon JEDEC Standard 22, Test Method A114-A. Bus pins stressed with respect to GND and VCC separately.
(2)
Test method based upon JEDEC Standard 22, Test Method A114-A.
(3)
Test method based upon EIA-JEDEC JESD22-C101C.
7.3 Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.4
3.3
3.6
V
VIH
High-level input voltage
2
5
V
VIL
Low-level input voltage
0
0.8
V
TA
Operating free-air temperature
–40
85
°C
|VID|
Magnitude of differential input voltage
0.1
0.6
V
Input voltage (any combination of input or common-mode voltage)
0
VCC – 0.8
V
4
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com