Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVR
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS2DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS2DBVR Datasheet HTML 1Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 2Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 3Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 4Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 5Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 6Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 7Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 8Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
V
CC
GND
LVTTL
Out
V
CC
GND
D
NC
Z
NC
Y
NC
V
SUPPLY
100
Trace
W
SN65LVDS1
B
NC
A
NC
V
CC
GND
R
NC
SN65LVDT2
V
CC
V
CC
GND
LVTTL
In
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
SN65LVDxx High-Speed Differential Line Drivers and Receivers
1 Features
2 Applications
1
•
Meets or Exceeds the ANSI TIA/EIA-644 Standard
•
Wireless Infrastructure
•
Designed for Signaling Rates (1) up to:
•
Telecom Infrastructure
•
Printer
–
630 Mbps for Drivers
–
400 Mbps for Receivers
3 Description
•
Operates From a 2.4-V to 3.6-V Supply
The SN65LVDS1, SN65LVDS2, and SN65LVDT2
•
Available in SOT-23 and SOIC Packages
devices
are
single,
low-voltage,
differential
line
•
Bus-Terminal ESD Exceeds 9 kV
drivers and receivers in the small-outline transistor
package. The outputs comply with the TIA/EIA-644
•
Low-Voltage Differential Signaling With Typical
standard and provide a minimum differential output
Output Voltages of 350 mV Into a 100-
Ω Load
voltage magnitude of 247 mV into a 100-
Ω load at
•
Propagation Delay Times
signaling rates up to 630 Mbps for drivers and 400
–
1.7-ns Typical Driver
Mbps for receivers.
–
2.5-ns Typical Receiver
When the SN65LVDS1 device is used with an LVDS
•
Power Dissipation at 200 MHz
receiver (such as the SN65LVDT2) in a point-to-point
connection,
data
or
clocking
signals
can
be
–
25 mW Typical Driver
transmitted over printed-circuit board traces or cables
–
60 mW Typical Receiver
at very high rates with very low electromagnetic
•
LVDT Receiver Includes Line Termination
emissions and power consumption. The packaging,
low power, low EMI, high ESD tolerance, and wide
•
Low Voltage TTL (LVTTL) Level Driver Input Is 5-
supply voltage range make the device ideal for
V Tolerant
battery-powered applications.
•
Driver Is Output High-Impedance with
The SN65LVDS1, SN65LVDS2, and SN65LVDT2
VCC < 1.5 V
devices are characterized for operation from –40°C to
•
Receiver Output and Inputs are High-Impedance
85°C.
With VCC < 1.5 V
•
Receiver Open-Circuit Fail Safe
Device Information(1)
•
Differential Input Voltage Threshold Less Than
PART NUMBER
PACKAGE
BODY SIZE (NOM)
100 mV
SOIC (8)
4.90 mm × 3.91 mm
SN65LVDS1
SOT (5)
2.90 mm × 1.60 mm
SOIC (8)
4.90 mm × 3.91 mm
SN65LVDS2
SOT (5)
2.90 mm × 1.60 mm
SOIC (8)
4.90 mm × 3.91 mm
SN65LVDT2
SOT (5)
2.90 mm × 1.60 mm
(1)
The signaling rate of a line is the number of voltage
(1) For all available packages, see the orderable addendum at
transitions that are made per second expressed in the units
the end of the data sheet.
bps (bit per second)
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN65LVDS2DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS2DBVR TI-SN65LVDS2DBVR Datasheet
282Kb / 18P
HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS2DBVR TI-SN65LVDS2DBVR Datasheet
473Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS2DBVR TI-SN65LVDS2DBVR Datasheet
522Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS2DBVRG4 TI-SN65LVDS2DBVRG4 Datasheet
282Kb / 18P
HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS2DBVRG4 TI-SN65LVDS2DBVRG4 Datasheet
473Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SN65LVDS2DBVR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Jul-2003
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180-Q1 TI1-SN65LVDS180-Q1 Datasheet
1Mb / 29P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com