Electronic Components Datasheet Search
  English  ▼

X  

PC87360 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  PC87360 Datasheet HTML 1Page - National Semiconductor (TI) PC87360 Datasheet HTML 2Page - National Semiconductor (TI) PC87360 Datasheet HTML 3Page - National Semiconductor (TI) PC87360 Datasheet HTML 4Page - National Semiconductor (TI) PC87360 Datasheet HTML 5Page - National Semiconductor (TI) PC87360 Datasheet HTML 6Page - National Semiconductor (TI) PC87360 Datasheet HTML 7Page - National Semiconductor (TI) PC87360 Datasheet HTML 8Page - National Semiconductor (TI) PC87360 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 168 page
background image
5
www.national.com
Table of Contents
Datasheet Revision Record .................................................................................................................... 4
1.0
Signal/Pin Connection and Description
1.1
CONNECTION DIAGRAM ......................................................................................................... 12
1.2
BUFFER TYPES AND SIGNAL/PIN DIRECTORY .................................................................... 13
1.3
PIN MULTIPLEXING ................................................................................................................. 17
1.4
DETAILED SIGNAL/PIN DESCRIPTIONS ................................................................................ 19
1.4.1
ACCESS.bus Interface (ACB) .................................................................................... 19
1.4.2
Bus Interface ............................................................................................................... 19
1.4.3
Clock ............................................................................................................................ 19
1.4.4
Fan Speed Control and Monitor (FSCM) ..................................................................... 19
1.4.5
Floppy Disk Controller (FDC) ...................................................................................... 20
1.4.6
General-Purpose Input/Output (GPIO) Ports ............................................................... 21
1.4.7
Infrared (IR) ................................................................................................................. 21
1.4.8
Keyboard and Mouse Controller (KBC)
..................................................................... 22
1.4.9
Parallel Port
............................................................................................................... 22
1.4.10
Power and Ground ..................................................................................................... 23
1.4.11
Protection .................................................................................................................... 24
1.4.12
Serial Port 1 and Serial Port 2 ..................................................................................... 24
1.4.13
Strap Configuration ...................................................................................................... 25
1.4.14
System Wake-Up Control ............................................................................................ 25
1.4.15
WATCHDOG Timer (WDT) ......................................................................................... 25
1.5
INTERNAL PULL-UP AND PULL-DOWN RESISTORS ............................................................ 26
2.0
Device Architecture and Configuration
2.1
OVERVIEW ............................................................................................................................... 29
2.2
CONFIGURATION STRUCTURE AND ACCESS ..................................................................... 29
2.2.1
The Index-Data Register Pair ...................................................................................... 29
2.2.2
Banked Logical Device Registers Structure ................................................................ 31
2.2.3
Standard Logical Device Configuration Register Definitions ....................................... 32
2.2.4
Standard Configuration Registers ............................................................................... 34
SuperI/O Control and Configuration Registers ............................................................ 34
Logical Device Control and Configuration Registers ................................................... 34
Control .........................................................................................................................35
Standard Configuration ................................................................................................ 35
Special Configuration .................................................................................................. 35
2.2.5
Default Configuration Setup ........................................................................................ 35
2.2.6
Power States ...............................................................................................................35
2.2.7
Address Decoding ....................................................................................................... 36
2.3
INTERRUPT SERIALIZER ........................................................................................................ 36
2.4
PROTECTION ........................................................................................................................... 37
2.4.1
Access Lock to I/O Ports ............................................................................................. 37
2.4.2
Pin Configuration Lock ................................................................................................ 37
2.4.3
GPIO Pin Function Lock .............................................................................................. 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com