Electronic Components Datasheet Search
  English  ▼

X  

PC87360 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 60Page - National Semiconductor (TI) PC87360 Datasheet HTML 61Page - National Semiconductor (TI) PC87360 Datasheet HTML 62Page - National Semiconductor (TI) PC87360 Datasheet HTML 63Page - National Semiconductor (TI) PC87360 Datasheet HTML 64Page - National Semiconductor (TI) PC87360 Datasheet HTML 65Page - National Semiconductor (TI) PC87360 Datasheet HTML 66Page - National Semiconductor (TI) PC87360 Datasheet HTML 67Page - National Semiconductor (TI) PC87360 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 168 page
background image
2.0 Device Architecture and Configuration (Continued)
64
www.national.com
2.14.4
GPIO Pin Select Register
This register selects the GPIO pin (port number and bit number) to be configured (i.e., which register is accessed via the
GPIO Pin Configuration register). It is reset by hardware to 00h.
Location:
Index F0h
Type:
R/W
Bit
76543210
Name
Reserved
Port Select
Reserved
Pin Select
Reset
00000000
Bit
Description
7
Reserved
6-4
Port Select. These bits select the GPIO port to be configured:
000: Port 0 (default)
001, 010, 011,100: Binary value of port numbers 1-4 respectively. All other values are reserved.
3
Reserved
2-0
Pin Select. These bits select the GPIO pin to be configured in the selected port:
000, 001, ... 111: Binary value of the pin number, 0, 1, ... 7 respectively (default=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com