Electronic Components Datasheet Search
  English  ▼

X  

PC87360 Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 114Page - National Semiconductor (TI) PC87360 Datasheet HTML 115Page - National Semiconductor (TI) PC87360 Datasheet HTML 116Page - National Semiconductor (TI) PC87360 Datasheet HTML 117Page - National Semiconductor (TI) PC87360 Datasheet HTML 118Page - National Semiconductor (TI) PC87360 Datasheet HTML 119Page - National Semiconductor (TI) PC87360 Datasheet HTML 120Page - National Semiconductor (TI) PC87360 Datasheet HTML 121Page - National Semiconductor (TI) PC87360 Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 168 page
background image
6.0 General-Purpose Input/Output (GPIO) Port (Continued)
118
www.national.com
Figure 20. GPIO Event Routing Mechanism
The GPST register is a general-purpose edge detector which may be used to reflect the event source pending status for
edge-triggered events.
The term
active edge refers to a change in a GPIO pin level that matches the Event Polarity bit (1 for rising edge and 0 for
falling edge).
Active level refers to the GPIO pin level that matches the Event Polarity bit (1 for high level and 0 for low level).
The corresponding bit of the GPST register is set by hardware whenever an active edge is detected, regardless of any other
bit settings. Writing 1 to the Status bit clears it to 0. Writing 0 is ignored.
A GPIO pin is in event pending state if the corresponding bit of the GPEVEN register is set and either:
q
The Event Type is level and the pin is in active level, or
q
The Event Type is edge and the corresponding bit of the GPST register is set.
The target means of system notification is asserted if at least one GPIO pin is in event pending state.
The selection of the target means of system notification is determined by the GPEVR register. If IRQ is selected as one of the
means for the system notification, the specific IRQ line is determined by the IRQ selection procedure of the device configura-
tion. The assertion of any means of system notification is blocked when the GPIO functional block is deactivated.
If the output of a GPIO pin is enabled, it may be put in event pending state by the software when writing to the GPDO register.
An pending edge event may be cleared by clearing the corresponding GPST bit. However, a level event source may not be
released by software (except for disabling the source), as long as the pin is in active level. When level event is used, it is
recommended to disable the input debouncer.
Upon de-activation of the GPIO port, the GPST register is cleared and access to both the GPST and GPEVEN registers is
disabled. All system notification means including the target IRQ line are detached from the GPIO and de-asserted.
Before enabling any system notification, it is recommended to set the desired event configuration, and then verify that the
status registers are cleared.
6.4
GPIO PORT REGISTERS
The register maps in this chapter use the following abbreviations for Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
Event Pending Indicator
SMI
IRQ
Event
Routing
Logic
PWUREQ
Enable
Enable
IRQ
GPIO Pin Event Routing Register
Bit 2
Bit 1
Bit 0
Routed Events
from other GPIO Pins
Routing
Routing
Routing
PWUREQ
Enable
SMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com