Electronic Components Datasheet Search
  English  ▼

X  

STGF14N60D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGF14N60D
Description  14 A - 600 V - short circuit rugged IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF14N60D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGF14N60D Datasheet HTML 3Page - STMicroelectronics STGF14N60D Datasheet HTML 4Page - STMicroelectronics STGF14N60D Datasheet HTML 5Page - STMicroelectronics STGF14N60D Datasheet HTML 6Page - STMicroelectronics STGF14N60D Datasheet HTML 7Page - STMicroelectronics STGF14N60D Datasheet HTML 8Page - STMicroelectronics STGF14N60D Datasheet HTML 9Page - STMicroelectronics STGF14N60D Datasheet HTML 10Page - STMicroelectronics STGF14N60D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STGF14N60D, STGP14N60D
Package mechanical data
9/11
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.48
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com