Electronic Components Datasheet Search
  English  ▼

X  

STGF14N60D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGF14N60D
Description  14 A - 600 V - short circuit rugged IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF14N60D Datasheet(HTML) 5 Page - STMicroelectronics

  STGF14N60D Datasheet HTML 1Page - STMicroelectronics STGF14N60D Datasheet HTML 2Page - STMicroelectronics STGF14N60D Datasheet HTML 3Page - STMicroelectronics STGF14N60D Datasheet HTML 4Page - STMicroelectronics STGF14N60D Datasheet HTML 5Page - STMicroelectronics STGF14N60D Datasheet HTML 6Page - STMicroelectronics STGF14N60D Datasheet HTML 7Page - STMicroelectronics STGF14N60D Datasheet HTML 8Page - STMicroelectronics STGF14N60D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STGF14N60D, STGP14N60D
Electrical characteristics
5/11
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 7 A
RG= 10 Ω, VGE= 15 V,
(see Figure 2)
TBD
TBD
TBD
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 7 A
RG= 10 Ω, VGE= 15 V,
TC= 125 °C
(see Figure 2)
TBD
TBD
TBD
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390 V, IC = 7 A,
RGE = 10 Ω, VGE = 15 V
(see Figure 2)
TBD
TBD
TBD
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390 V, IC = 7 A,
RGE = 10 Ω, VGE = 15 V
TC= 125 °C
(see Figure 2)
TBD
TBD
TBD
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
Eon (1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit. If the IGBT is offered in a package
with a co-pack diode, the co-pack diode is used as external diode. IGBTs and DIODE are at the same
temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current.
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390 V, IC = 7 A
RG= 10 Ω, VGE= 15 V,
(see Figure 2)
TBD
TBD
TBD
µJ
µJ
µJ
Eon (1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390 V, IC = 7 A
RG= 10 Ω, VGE= 15 V,
TC= 125 °C
(see Figure 2)
TBD
TBD
TBD
µJ
µJ
µJ
Table 8.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
VF
Forward on-voltage
IF = 7 A
IF = 7 A, TC= 125 °C
1.8
1.3
2.1
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 7 A, VR = 40 V,
di/dt = 100 A/µs
(see Figure 5)
37
40
2.1
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 7 A, VR = 40 V,
TC= 125 °C,
di/dt = 100 A/µs
(see Figure 5)
61
98
3.2
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com