Electronic Components Datasheet Search
  English  ▼

X  

STGF14N60D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGF14N60D
Description  14 A - 600 V - short circuit rugged IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF14N60D Datasheet(HTML) 4 Page - STMicroelectronics

  STGF14N60D Datasheet HTML 1Page - STMicroelectronics STGF14N60D Datasheet HTML 2Page - STMicroelectronics STGF14N60D Datasheet HTML 3Page - STMicroelectronics STGF14N60D Datasheet HTML 4Page - STMicroelectronics STGF14N60D Datasheet HTML 5Page - STMicroelectronics STGF14N60D Datasheet HTML 6Page - STMicroelectronics STGF14N60D Datasheet HTML 7Page - STMicroelectronics STGF14N60D Datasheet HTML 8Page - STMicroelectronics STGF14N60D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STGF14N60D, STGP14N60D
4/11
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)CES
Collector-emitter breakdown
voltage (VGE= 0)
IC= 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE= 15 V, IC= 7 A
VGE= 15 V, IC= 7 A, TC= 125 °C
2.1
1.8
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
4.5
6.5
V
IGES
Gate-emitter leakage
current (VCE = 0)
VGE= ±20 V, TC= 125 °C
±100
nA
ICES
Collector cut-off current
(VGE = 0)
VCE= 600 V
VCE= 600 V, TC= 125 °C
150
1
µA
mA
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward transconductance
VCE = 15 V , IC = 7 A
3.2
S
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz, VGE= 0
TBD
TBD
TBD
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390 V, IC = 7 A,
VGE = 15 V
(see Figure 3)
TBD
TBD
TBD
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com