Electronic Components Datasheet Search
  English  ▼

X  

STGFW30V60DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGFW30V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW30V60DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGFW30V60DF Datasheet HTML 5Page - STMicroelectronics STGFW30V60DF Datasheet HTML 6Page - STMicroelectronics STGFW30V60DF Datasheet HTML 7Page - STMicroelectronics STGFW30V60DF Datasheet HTML 8Page - STMicroelectronics STGFW30V60DF Datasheet HTML 9Page - STMicroelectronics STGFW30V60DF Datasheet HTML 10Page - STMicroelectronics STGFW30V60DF Datasheet HTML 11Page - STMicroelectronics STGFW30V60DF Datasheet HTML 12Page - STMicroelectronics STGFW30V60DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID026149 Rev 1
9/15
STGFW30V60DF
Electrical characteristics
Figure 20. Reverse recovery current vs. diode
current slope
Figure 21. Reverse recovery time vs. diode
current slope
Figure 22. Reverse recovery charge vs. diode
current slope
Figure 23. Reverse recovery energy vs. diode
current slope
Figure 24. Safe operating area
Irm(A)
0
di/dt (A/μs)
500
10
1000
Vr=400V
IF=30A
Tj=175°C
20
30
40
0
1500
Tj=25°C
AM17429v1
trr(μs)
0
di/dt (A/μs)
500
1000
1500 2000
Vr=400V
IF=30A
Tj=175°C
50
100
150
200
0
2500
Tj=25°C
AM17430v1
Qrr(nC)
0
di/dt (A/μs)
500
1000
1500 2000
Vr=400V
IF=30A
Tj=175°C
500
1000
1500
2000
0
2500
Tj=25°C
AM17431v1
Err(μJ)
0
di/dt (A/μs)
500
1000
1500 2000
Vr=400V
IF=30A
Tj=175°C
200
400
600
800
1000
0
2500
Tj=25°C
AM17432v1
IC
100
10
1
(A)
10
VCE(V)
1
10μs
100μs
1ms
100
Single pulse, Tc=25°C
Tj<175°C, VGE=15V
0.01
0.1
AM17416v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com