Electronic Components Datasheet Search
  English  ▼

X  

STGFW40H65FB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGFW40H65FB
Description  Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW40H65FB Datasheet(HTML) 1 Page - STMicroelectronics

  STGFW40H65FB Datasheet HTML 1Page - STMicroelectronics STGFW40H65FB Datasheet HTML 2Page - STMicroelectronics STGFW40H65FB Datasheet HTML 3Page - STMicroelectronics STGFW40H65FB Datasheet HTML 4Page - STMicroelectronics STGFW40H65FB Datasheet HTML 5Page - STMicroelectronics STGFW40H65FB Datasheet HTML 6Page - STMicroelectronics STGFW40H65FB Datasheet HTML 7Page - STMicroelectronics STGFW40H65FB Datasheet HTML 8Page - STMicroelectronics STGFW40H65FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
March 2017
DocID025171 Rev 7
1/21
This is information on a product in full production.
www.st.com
STGFW40H65FB, STGW40H65FB,
STGWA40H65FB, STGWT40H65FB
Trench gate field-stop IGBT, HB series
650 V, 40 A high speed
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Maximum junction temperature: TJ = 175 °C
High speed switching series
Minimized tail current
Very low saturation voltage: VCE(sat) = 1.6 V
(typ) @ IC = 40 A
Safe paralleling
Tight parameter distribution
Low thermal resistance
Applications
Photovoltaic inverters
High frequency converters
Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the new HB
series of IGBTs, which represent an optimum
compromise between conduction and switching
loss to maximize the efficiency of any frequency
converter. Furthermore, the slightly positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGFW40H65FB
GFW40H65FB
TO-3PF
Tube
STGW40H65FB
GW40H65FB
TO-247
Tube
STGWA40H65FB
GWA40H65FB
TO-247 long leads
Tube
STGWT40H65FB
GWT40H65FB
TO-3P
Tube
1
2
3
TO-3P
TAB
TO-247
1
2
3
1
2
3
TO-3PF
TO-247 long leads
1
2
3
G(1)
C(2, TAB)
E(3)
G1C2TE3


Similar Part No. - STGFW40H65FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGFW40V60DF STMICROELECTRONICS-STGFW40V60DF Datasheet
1Mb / 21P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGFW40V60F STMICROELECTRONICS-STGFW40V60F Datasheet
1Mb / 24P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
More results

Similar Description - STGFW40H65FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
13-Jul-2016
STGB40H65FB STMICROELECTRONICS-STGB40H65FB Datasheet
975Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
27-Jun-2016
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
28-Aug-2014
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
28-Jul-2015
STGW40H60DLFB STMICROELECTRONICS-STGW40H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
18-Mar-2014
STGY80H65DFB STMICROELECTRONICS-STGY80H65DFB Datasheet
1Mb / 22P
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
Trench gate field-stop 650 V, 40 A high speed HB series IGBT
20-Jun-2019
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
Trench gate field-stop 650 V, 40 A high speed HB series IGBT
19-Jun-2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com