Electronic Components Datasheet Search
  English  ▼

X  

STGFW40H65FB Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGFW40H65FB
Description  Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW40H65FB Datasheet(HTML) 5 Page - STMicroelectronics

  STGFW40H65FB Datasheet HTML 1Page - STMicroelectronics STGFW40H65FB Datasheet HTML 2Page - STMicroelectronics STGFW40H65FB Datasheet HTML 3Page - STMicroelectronics STGFW40H65FB Datasheet HTML 4Page - STMicroelectronics STGFW40H65FB Datasheet HTML 5Page - STMicroelectronics STGFW40H65FB Datasheet HTML 6Page - STMicroelectronics STGFW40H65FB Datasheet HTML 7Page - STMicroelectronics STGFW40H65FB Datasheet HTML 8Page - STMicroelectronics STGFW40H65FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STGFW40H65FB, STGW40H65FB,
STGWA40H65FB, STGWT40H65FB
Electrical characteristics
DocID025171 Rev 7
5/21
Table 6: Switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 40 A,
VGE = 15 V, RG = 5
Ω
(see Figure 27: "Test circuit
for inductive load switching" )
-
40
-
ns
tr
Current rise time
-
13
-
(di/dt)on
Turn-on current slope
-
2413
-
A/µs
td(off)
Turn-off delay time
-
142
-
ns
tf
Current fall time
-
27
-
Eon(1)
Turn-on switching energy
-
498
-
µJ
Eoff(2)
Turn-off switching energy
-
363
-
Ets
Total switching energy
-
861
-
td(on)
Turn-on delay time
VCE = 400 V, IC = 40 A,
VGE = 15 V, RG = 5
Ω,
TJ = 175 °C
(see Figure 27: "Test circuit
for inductive load switching" )
-
38
-
ns
tr
Current rise time
-
14
-
(di/dt)on
Turn-on current slope
-
2186
-
A/µs
td(off)
Turn-off delay time
-
141
-
ns
tf
Current fall time
-
61
-
Eon(1)
Turn-on switching energy
-
1417
-
µJ
Eoff(2)
Turn-off switching energy
-
764
-
Ets
Total switching energy
-
2181
-
Notes:
(1)Including the reverse recovery of the external diode. The diode is the same of the co-packed STGW40H65DFB.
(2)Including the tail of the collector current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com