Electronic Components Datasheet Search
  English  ▼

X  

STGFW40H65FB Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGFW40H65FB
Description  Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW40H65FB Datasheet(HTML) 3 Page - STMicroelectronics

  STGFW40H65FB Datasheet HTML 1Page - STMicroelectronics STGFW40H65FB Datasheet HTML 2Page - STMicroelectronics STGFW40H65FB Datasheet HTML 3Page - STMicroelectronics STGFW40H65FB Datasheet HTML 4Page - STMicroelectronics STGFW40H65FB Datasheet HTML 5Page - STMicroelectronics STGFW40H65FB Datasheet HTML 6Page - STMicroelectronics STGFW40H65FB Datasheet HTML 7Page - STMicroelectronics STGFW40H65FB Datasheet HTML 8Page - STMicroelectronics STGFW40H65FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STGFW40H65FB, STGW40H65FB,
STGWA40H65FB, STGWT40H65FB
Electrical ratings
DocID025171 Rev 7
3/21
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-247,
TO-247 long leads,
TO-3P
TO-3PF
VCES
Collector-emitter voltage (VGE = 0 V)
650
V
IC
Continuous collector current at TC = 25 °C
80
A
Continuous collector current at TC = 100 °C
40
ICP(1)
Pulsed collector current
160
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total dissipation at TC = 25 °C
283
62.5
W
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
3.5
kV
TSTG
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature range
-55 to 175
°C
Notes:
(1)Pulse width is limited by maximum junction temperature.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
TO-247,
TO-247 long leads,
TO-3P
TO-3PF
RthJC
Thermal resistance junction-case
0.53
2.4
°C/W
RthJA
Thermal resistance junction-ambient
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com