Electronic Components Datasheet Search
  English  ▼

X  

PC87364 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 22Page - National Semiconductor (TI) PC87364 Datasheet HTML 23Page - National Semiconductor (TI) PC87364 Datasheet HTML 24Page - National Semiconductor (TI) PC87364 Datasheet HTML 25Page - National Semiconductor (TI) PC87364 Datasheet HTML 26Page - National Semiconductor (TI) PC87364 Datasheet HTML 27Page - National Semiconductor (TI) PC87364 Datasheet HTML 28Page - National Semiconductor (TI) PC87364 Datasheet HTML 29Page - National Semiconductor (TI) PC87364 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 180 page
background image
1.0 Signal/Pin Connection and Description (Continued)
26
www.national.com
1.4.13
Strap Configuration
1.4.14
System Wake-Up Control
Signal
Pin/s
I/O Buffer Type Power Well
Description
BADDR
101
I
INSTRP
VDD
Base Address. Sampled by the trailing edge of the system reset
to determine the base address of the configuration Index-Data
register pair. During reset, it is pulled down by internal 30Kohm
resistor.
If no pull-up resistor is connected, it is sampled low, setting the
Index-Data pair at 2Eh-2Fh.
Connecting a 10K external pull-up resistor to VDD would make it
sample high, setting the Index-Data pair at 4Eh-4Fh.
PSLDC0
PSLDC1
99
107
I
INSTRP
VSB
Note 1.
Note 1.Make sure that the Serial Port driver is back-drive protected.
Power Supply and LED Configuration. If no pull-up resistor is
connected to these pins, pins 33-35 and 37 function as
PWBTOUT, PSON, PWBTIN and SLPS5 respectively.
Connecting a 10K external pull-up resistor to VSB causes these
pins to function as GPOS0, GPOS1, GPIS2, respectively.
PSONPOL
109
I
INSTRP
VSB
Note 1.
Power Supply On Polarity. If no pull-up resistor is connected to
this pin, PSON is set active low with open-drain output.
Connecting a 10K external pull-up resistor to VSB causes PSON
to be set to active high with push-pull output.
TEST
98
I
INSTRP
VDD
Test. If sampled high on the trailing edge of system reset, this
signal forces the device into test mode. This pin is for National
Semiconductor use only, and should be left unconnected.
Signal
Pin/s
I/O Buffer Type Power Well
Description
LED1
LED2
25
26
O
O12/12
VSB
LED. VSB-powered pins with programmable outputs, each of
which can be used to produce a 0, 0.25, 0.5, 1, 4 Hz waveform for
LED control.
GPIE6-7
58-59
I
INTS
VSB
General-Purpose Input Event
GPIOE0-5
23-28
I/O
INTS/
OD6,O3/6
VSB
General-Purpose I/O Event. VSB-powered pins.
GPIS2-3
35-36
I
INTS
VSB
General-Purpose Input Standby. VSB-powered pins.
GPOS0-1
33-34
O
OD6,O3/6
VSB
General-Purpose Output Standby. VSB-powered pins.
PSON
34
O
O4,OD12
VSB
Power Supply On. Active level (low or high via PSONPOL strap)
instructs the main power supply to turn the power on. PSON
output signal is open-drain when active low and push-pull when
active high.
PWBTIN
35
I
INTS
VSB
Power Button In. Active (low) level indicates a user request to
turn the power on or off. This pin has an internal Schmidt-trigger
input buffer and debouce protection of at least 16 mS.
PWBTOUT 33
O
OD12
VSB
Power Button Out. Active (low) level serves as output to the
chipset power button input.
PWUREQ
32
O
OD6
VSB
Power-Up Request. Active (low) level indicates that wake-up
event has occurred, and causes the chipset to turn the power
supply on, or to exit its current sleep state. The open-drain output
must be pulled up to VSB in order to function during power-off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com