Electronic Components Datasheet Search
  English  ▼

X  

PC87364 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 54Page - National Semiconductor (TI) PC87364 Datasheet HTML 55Page - National Semiconductor (TI) PC87364 Datasheet HTML 56Page - National Semiconductor (TI) PC87364 Datasheet HTML 57Page - National Semiconductor (TI) PC87364 Datasheet HTML 58Page - National Semiconductor (TI) PC87364 Datasheet HTML 59Page - National Semiconductor (TI) PC87364 Datasheet HTML 60Page - National Semiconductor (TI) PC87364 Datasheet HTML 61Page - National Semiconductor (TI) PC87364 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 180 page
background image
2.0 Device Architecture and Configuration (Continued)
58
www.national.com
2.11 PARALLEL PORT CONFIGURATION
2.11.1
General Description
The PC87364 Parallel Port supports all IEEE1284 standard communication modes: Compatibility (known also as Standard
or SPP), Bidirectional (known also as PS/2), FIFO, EPP (known also as Mode 4) and ECP (with an optional Extended ECP
mode).
The Parallel Port includes two groups of runtime registers, as follows:
• A group of 21 registers at first level offset, sharing 14 entries. Three of this registers (at offsets 403h, 404h and 405h)
are used only in the Extended ECP mode.
• A group of four registers, used only in the Extended ECP mode, accessed by a second level offset.
The desired mode is selected by the ECR runtime register (offset 402h). The selected mode determines which runtime reg-
isters are used and which address bits are used for the base address. See Tables 19 and 20 for a listing of all registers, their
offset addresses, and the associated modes.
Table 19. Parallel Port Registers at First Level Offset
Table 20. Parallel Port Registers at Second Level Offset
Offset
Mnemonic
Mode(s)
Type
Register Name
00h
DATAR
0,1
R/W
Data
AFIFO
3
W
ECP FIFO (Address)
DTR
4
R/W
Data (for EPP)
01h
DSR
0,1,2,3
RO
Status
STR
4
RO
Status (for EPP)
02h
DCR
0,1,2,3
R/W
Control
CTR
4
R/W
Control (for EPP)
03h
ADDR
4
R/W
EPP Address
04h
DATA0
4
R/W
EPP Data Port 0
05h
DATA1
4
R/W
EPP Data Port 1
06h
DATA2
4
R/W
EPP Data Port 2
07h
DATA3
4
R/W
EPP Data Port 3
400h
CFIFO
DFIFO
TFIFO
CNFGA
2
3
6
7
W
R/W
R/W
RO
PP Data FIFO
ECP Data FIFO
Test FIFO
Configuration A
401h
CNFGB
7
RO
Configuration B
402h
ECR
0,1,2,3
R/W
Extended Control
403h
EIRNote 1.
Note 1. These registers are extended to the standard IEEE1284 registers. They are
accessible only when enabled by bit 4 of the Parallel Port Configuration register
(see Section 2.10.3).
0,1,2,3
R/W
Extended Index
404h
EDR1
0,1,2,3
R/W
Extended Data
405h
EAR1
0,1,2,3
R/W
Extended Auxiliary Status
Offset
Mnemonic
Type
Register Name
00h
Control0
R/W
Extended Control 0
02h
Control2
R/W
Extended Control 1
04h
Control4
R/W
Extended Control 4
05h
PP Confg0
R/W
Configuration 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com