Electronic Components Datasheet Search
  English  ▼

X  

PC87364 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 33Page - National Semiconductor (TI) PC87364 Datasheet HTML 34Page - National Semiconductor (TI) PC87364 Datasheet HTML 35Page - National Semiconductor (TI) PC87364 Datasheet HTML 36Page - National Semiconductor (TI) PC87364 Datasheet HTML 37Page - National Semiconductor (TI) PC87364 Datasheet HTML 38Page - National Semiconductor (TI) PC87364 Datasheet HTML 39Page - National Semiconductor (TI) PC87364 Datasheet HTML 40Page - National Semiconductor (TI) PC87364 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 180 page
background image
2.0 Device Architecture and Configuration (Continued)
37
www.national.com
• Power Fail
Both VSB and VDD are inactive.
Note:
The following state is illegal: VDD active and VSB inactive.
2.2.7
Address Decoding
A full 16-bit address decoding is applied when accessing the configuration I/O space as well as the registers of the functional
blocks. However, the number of configurable bits in the base address registers varies for each logical device.
The lower 1, 2, 3, 4 or 5 address bits are decoded within the functional block to determine the offset of the accessed register,
within the logical device’s I/O range of 2, 4, 8, 16 or 32 bytes, respectively. The rest of the bits are matched with the base
address register to decode the entire I/O range allocated to the logical device. Therefore the lower bits of the base address
register are forced to 0 (read only), and the base address is forced to be 2, 4, 8, 16 or 32 byte-aligned, according to the size
of the I/O range.
The base address of the FDC, Serial Port 1, Serial Port 2 with IR and KBC are limited to the I/O address range of 00h to
7FXh only (bits 11-15 are forced to 0). The Parallel Port base address is limited to the I/O address range of 00h to 3F8h.
The addresses of the non-legacy logical devices are configurable within the full 16-bit address range (up to FFFXh).
In some special cases, other address bits are used for internal decoding (such as bit 2 in the KBC and bit 10 in the Parallel
Port). The KBC has two I/O descriptors with some implied dependency between them. For more details, see the description
of the base address register for each logical device.
2.3
INTERRUPT SERIALIZER
The Interrupt Serializer translates parallel interrupt request (PIRQ) signals received from external devices, via the PIRQn
pins, into serial interrupt request data transmitted over the SERIRQ bus. This enables the integration of devices that support
only parallel IRQ in a system which supports only serial IRQs. Figure 4 shows the interrupt serialization mechanism.
Figure 4. Interrupt Serialization Mechanism
PIRQ signals that enter the device are fed into an IRQ sharing mechanism. This mechanism combines them with internal
IRQ signals that are mapped to their associated IRQ slots. The resulting internal shared IRQs are then fed into the Interrupt
Serializer, where they are translated into serial data and transmitted over the SERIRQ bus.
The IRQ sharing mechanism allows an internal IRQ and an external PIRQ to share the same IRQ slot. To share an IRQ slot,
all IRQ sources routed to it, including possibly a PIRQn pin, must be active low. When multiple IRQ sources are set to share
an IRQ slot, the corresponding internal IRQ signal is a logic AND of all IRQ sources.
When an IRQ slot is exclusively used by a PIRQ pin, each transition sensed on this PIRQ pin is translated into a new value.
This value is transmitted over the SERIRQ bus during the corresponding IRQ slot. A transition on PIRQn results in a new
value that is transmitted during IRQ slot “n” of the SERIRQ bus. For example, a transition on PIRQ3 is translated into the
transmission of the new value of PIRQ3 during slot 3 of the SERIRQ bus. No polarity adjustment occurs during this trans-
lation process. Therefore, when the level of a PIRQn pin goes high or low, the result is transmitted with no polarity adjust-
ment during slot “n” of the SERIRQ bus.
IRQ Mapping
and Polarity
Control
IRQ Sharing
Mechanism
Internal
IRQ
Sources
Internal
Polarity/
Control
Signals
PIRQn Pins
Shared PIRQs
IRQ3
IRQ15
Interrupt
Serializer
Mapped
IRQs
Non-Shared
Bus Interface
SERIRQ
Mapping
PIRQs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com