Electronic Components Datasheet Search
  English  ▼

X  

PCM16C00 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C00
Description  Configurable Multiple Function PCMCIA Interface Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C00 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PCM16C00 Datasheet HTML 1Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 2Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 3Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 4Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 5Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 6Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TLF11669
October 1994
PCM16C00
Configurable Multiple Function PCMCIA Interface Chip
General Description
National’s PCM16C00 acts as a standard interface between
the PCMCIA bus and card-side local bus for IO and memo-
ry PCMCIA cards This device allows the card designer to
focus on the design of the dual IO functions while providing
a one-chip solution for IO memory window control concur-
rent interrupt control EEPROM interfacing and power man-
agement In addition to being configurable to interface to
any two ISA compatible IO functions the PCM16C00 sup-
ports logic necessary to simplify a design that uses the Na-
tional DP83902A ST-NIC Ethernet Controller as one of the
functions
The PCM16C00 is fully compliant with PCMCIA version 21
and is compatible with serial 4-kbit and 16-kbit EEPROMs
with 8-bit and 16-bit organizations that use the MICROW-
IRETM protocol This multi-function interface IC allows the
system software to setup IO decode windows and provides
the Attribute memory decode control that allow attribute
read and write data transfers
Features
Y
PCMCIA Bus Interface
Y
Compliant with multi-function extension to PCMCIA
Standards 3X
Y
PCMCIA version 21 configuration registers
Y
Serial EEPROM interface compatible with MICROWIRE
EEPROM protocol
Y
2-kbyte on chip RAM for attribute memory which shad-
ows the CIS and is used for loading static registers
Y
Address decoding and control for 2 IO functions
Y
Logic to support any two interrupt capable IO func-
tions on a PCMCIA card
Y
Power management and clock control
Y
Programmable arbitration unit for PCMCIA host and two
functions
Y
Common memory logic
Y
National DP83902A Ethernet LAN support logic
Y
4 Bit direction programmable generic digital port
Y
ISA-like interface to card function
10 System Diagram
TLF11669 – 1
FIGURE 1-1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - PCM16C00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C010 NSC-PCM16C010 Datasheet
394Kb / 38P
Configurable PC Card Interface Chip
PCM16C02 NSC-PCM16C02 Datasheet
420Kb / 42P
Configurable Multiple Function PC Card Interface Chip
PCM16C02VJG NSC-PCM16C02VJG Datasheet
420Kb / 42P
Configurable Multiple Function PC Card Interface Chip
More results

Similar Description - PCM16C00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C02 NSC-PCM16C02 Datasheet
420Kb / 42P
Configurable Multiple Function PC Card Interface Chip
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com