| Electronic Components Datasheet Search |
|
PCM16C00 Datasheet(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PCM16C00 Datasheet(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 40 page ![]() 60 Operational Modes (Continued) INTERRUPT PROTOCOL The interrupt protocol is defined in the Function Configura- tion Status Register descriptions When operating in a multi- function environment the PCM16C00 may be placed in an interrupt mode where IREQ is an ‘‘or’’ of the two CINT( )s or where the enhanced interrupt protocol is used The se- lection of either mode is done using the IntrReset bit in the Function Configuration Status Registers For multi-function operation it’s recommended that system software place the PCM16C00 in the enhanced mode (IntrReset bits set to one (1)) This insures that interrupts can be generated by either function and that they will not be missed by the standard PC-compatible interrupt controller Of course either pulse or level mode interrupts may be selected Once an interrupt occurs the first system software to be called is the interrupt handler How this software determines which function gen- erated the interrupt is outside the scope of an IC datasheet however mechanisms do exist For example software may be written to read the FCSRs to determine the function Software could also be written to make no determination if it is not required for the particular functions Finally software could be written that works in conjunction with the function- specific device interrupt handlers to determine which func- tion requires service without explicitly reading the FCSRs on the PCM16C00 In either case system software is responsi- ble for writing a zero (0) to one of the PCM16C00’s Intr bits in an FCSR once interrupt processing is done if the PCM16C00 is using enhanced interrupts (IntrReset is set to one (1)) This informs the PCM16C00 that it may generate another interrupt if one is pending that will be recognized by the PC-compatible interrupt controller in either pulse or level mode BACKWARD COMPATIBILITY The PCM16C00 may be operated as a single function PCMCIA interface by using Function 0 only In this case the CIS or system software should be written to only configure function 0 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |