Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP006_17 Datasheet HTML 5Page - Texas Instruments TMP006_17 Datasheet HTML 6Page - Texas Instruments TMP006_17 Datasheet HTML 7Page - Texas Instruments TMP006_17 Datasheet HTML 8Page - Texas Instruments TMP006_17 Datasheet HTML 9Page - Texas Instruments TMP006_17 Datasheet HTML 10Page - Texas Instruments TMP006_17 Datasheet HTML 11Page - Texas Instruments TMP006_17 Datasheet HTML 12Page - Texas Instruments TMP006_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4.0
8.0
12.0
16.0
Wavelength (µm)
C005
0.000
0.005
0.010
0.015
0.020
0.025
0
5
10
15
20
Wavelength (µm)
450 K
400 K
350 K
300 K
250 K
C019
16 µm
4 µm
TMP006, TMP006B
www.ti.com
SBOS518E – MAY 2011 – REVISED APRIL 2015
Feature Description (continued)
The intensity of radiation from the object is determined by the emisivity (
ε), a material-dependent property that
scales the spectral response so that 0 <
ε < 1. For an ideal black body, the radiation is at a maximum for a given
temperature and
ε = 1. The temperature is measured on the kelvin scale where 0 K is absolute zero, or
–273.15°C. Room temperature (25°C) is approximately 298.13 K. The emission spectra for objects at or near
room temperature are shown in Figure 5. For these temperatures, the majority of the radiation emitted is in the
wavelength range of 3 µm to 20 µm.
Figure 5. Black Body Emission Spectrum and Response
8.3.1 Spectral Responsivity
The TMP006 and TMP006B are optimized to sense IR radiation emitted by objects from approximately 250 K
(–23°C) to 400 K (127°C), with maximum sensitivity from approximately 4 µm to 16 µm. The relative spectral
response of the TMP006 and TMP006B is shown in Figure 6.
Figure 6. Relative Spectral Response vs Wavelength
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com