Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP006_17 Datasheet HTML 10Page - Texas Instruments TMP006_17 Datasheet HTML 11Page - Texas Instruments TMP006_17 Datasheet HTML 12Page - Texas Instruments TMP006_17 Datasheet HTML 13Page - Texas Instruments TMP006_17 Datasheet HTML 14Page - Texas Instruments TMP006_17 Datasheet HTML 15Page - Texas Instruments TMP006_17 Datasheet HTML 16Page - Texas Instruments TMP006_17 Datasheet HTML 17Page - Texas Instruments TMP006_17 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
7FFFh
-
FS
¼
0
¼
FS
SensorVoltage(AIN
AIN )
-
P
N
7FFEh
0001h
0000h
8000h
FFFFh
8001h
-
FS
2
-
1
15
2
15
FS
2
-
1
15
2
15
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
8.3.6 Sensor Voltage Format
The TMP006 and TMP006B provide 16 bits of data in binary twos complement format. The positive full-scale
input produces an output code of 7FFFh and the negative full-scale input produces an output code of 8000h. The
output clips at these codes for signals that exceed full-scale. Table 2 summarizes the ideal output codes for
different input signals. Figure 10 illustrates code transitions versus input voltage. Full-scale is a 5.12-mV signal.
The LSB size is 156.25 nV.
Table 2. Input Signal Versus Ideal Output Code(1)
SENSOR SIGNAL
OUTPUT CODE
FS (215 – 1)/215 (5.12 mV)
7FFFh
+FS/215 (156.25 nV)
0001h
0
0
–FS/215 (–156.25 nV)
FFFFh
–FS (–5.12 mV)
8000h
(1)
FS = Full-scale value.
Figure 10. Code Transition Diagram
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com