Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP006_17 Datasheet HTML 12Page - Texas Instruments TMP006_17 Datasheet HTML 13Page - Texas Instruments TMP006_17 Datasheet HTML 14Page - Texas Instruments TMP006_17 Datasheet HTML 15Page - Texas Instruments TMP006_17 Datasheet HTML 16Page - Texas Instruments TMP006_17 Datasheet HTML 17Page - Texas Instruments TMP006_17 Datasheet HTML 18Page - Texas Instruments TMP006_17 Datasheet HTML 19Page - Texas Instruments TMP006_17 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
The TMP006 and TMP006B operate only as a slave device on the two-wire bus. Connections to either bus are
made via the open-drain I/O lines, SDA, and SCL. The SDA and SCL pins feature integrated spike-suppression
filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP006 and TMP006B
support the transmission protocol for fast (1 kHz to 400 kHz) and high-speed (1 kHz to 3.4 MHz) modes. All data
bytes are transmitted MSB first.
8.3.8.1 Serial Bus Address
To communicate with the TMP006 or TMP006B, the master must first address slave devices via a slave address
byte. The slave address byte consists of seven address bits and a direction bit that indicates the intent to
execute a read or write operation.
The TMP006 and TMP006B feature two address pins to allow up to eight devices to be addressed on a single
bus. Table 4 describes the pin logic levels used to properly connect up to eight devices. The state of the ADR0
and ADR1 pins is sampled on every bus communication and should be set before any activity on the interface
occurs.
Table 4. TMP006 and TMP006B Address Pins and Slave Addresses
ADR1
ADR0
SMBus Address
0
0
1000000
0
1
1000001
0
SDA
1000010
0
SCL
1000011
1
0
1000100
1
1
1000101
1
SDA
1000110
1
SCL
1000111
8.3.8.2 Read and Write Operations
Access a particular register on the TMP006 and TMP006B by writing the appropriate value to the pointer register.
The pointer value is the first byte transferred after the slave address byte with the R/W bit low. Every write
operation to the TMP006 and TMP006B requires a value for the pointer (see Figure 12). When reading from the
TMP006 or TMP006B, the last value stored in the pointer by a write operation is used to determine which register
is read by a read operation. To change the register pointer for a read operation, a new value must be written to
the pointer. This transaction is accomplished by issuing a slave address byte with the R/W bit low, followed by
the pointer byte. No additional data are required. The master can then generate a START condition and send the
slave address byte with the R/W bit high to initiate the read command. If repeated reads from the same register
are desired, it is not necessary to continually send the pointer bytes because the TMP006 and TMP006B retain
the pointer value until it is changed by the next write operation. Note that register bytes are sent MSB first,
followed by the LSB.
16
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com