Electronic Components Datasheet Search
  English  ▼

X  

STL12N3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL12N3LLH5
Description  N-channel 30 V, 0.0079 Ω, 12 A, PowerFLAT™(3.3 x 3.3) STripFET™ V Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL12N3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL12N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
June 2011
Doc ID 018551 Rev 1
1/11
11
STL12N3LLH5
N-channel 30 V, 0.0079
Ω, 12 A, PowerFLAT™ (3.3 x 3.3)
STripFET™ V Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ Very low switching gate charge
■ High avalanche ruggedness
■ Low gate drive power losses
Applications
■ Switching applications
Description
The STL12N3LLH5 is a 30 V N-channel
STripFET™ V. This Power MOSFET technology is
among the latest improvements, which have been
especially tailored to achieve very low on-state
resistance providing also one of the best-in-class
figure of merit (FOM).
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on)
max
ID
STL12N3LLH5
30 V
< 0.009
Ω 12 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™(3.3x3.3)
(Chip scale package)
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL12N3LLH5
12N3L
PowerFLAT™ (3.3 x 3.3)
Tape and reel
www.st.com


Similar Part No. - STL12N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
N-channel 600 V, 0.400 Ω typ., 6.5 A MDmesh™ M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STL12N60M6 STMICROELECTRONICS-STL12N60M6 Datasheet
798Kb / 15P
N-channel 600 V, 390 m typ., 6.4 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
13-Jan-2019
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
Zener-protected
11-May-2015
STL12N65M5 STMICROELECTRONICS-STL12N65M5 Datasheet
1Mb / 17P
Very low intrinsic capacitance
17-Jul-2013
More results

Similar Description - STL12N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N3LLH5 STMICROELECTRONICS-STL15N3LLH5 Datasheet
157Kb / 10P
N-channel 30 V, 0.0045 Ω, 15 A, PowerFLAT??(3.3 x 3.3) STripFET™V Power MOSFET
25-Aug-2008
STL55NH3LL STMICROELECTRONICS-STL55NH3LL Datasheet
369Kb / 14P
N-channel 30 V, 0.0079 Ω, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
07-May-2008
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL11N3LLH6 STMICROELECTRONICS-STL11N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
23-May-2013
STL16N1VH5 STMICROELECTRONICS-STL16N1VH5 Datasheet
852Kb / 14P
N-channel 12 V, 0.0022, 16 A, PowerFLAT (3.3 x 3.3) STripFET V Power MOSFET
21-Jun-2011
STL23NS3LLH7 STMICROELECTRONICS-STL23NS3LLH7 Datasheet
682Kb / 14P
N-channel 30 V, 0.0027 Ω typ., 23 A STripFET™ H7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 3.3 x 3.3
07-May-2015
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
11-Dec-2009
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com