Electronic Components Datasheet Search
  English  ▼

X  

STL12N3LLH5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL12N3LLH5
Description  N-channel 30 V, 0.0079 Ω, 12 A, PowerFLAT™(3.3 x 3.3) STripFET™ V Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL12N3LLH5 Datasheet(HTML) 3 Page - STMicroelectronics

  STL12N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STL12N3LLH5
Electrical ratings
Doc ID 018551 Rev 1
3/11
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
Gate-source voltage
± 22
V
ID
(1)
1.
The value is rated according to Rthj-pcb
Drain current (continuous) at TC = 25 °C
12
A
ID
(1)
Drain current (continuous) at TC = 100 °C
7.5
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
48
A
PTOT
(3)
3.
The value is rated according to Rthj-c
Total dissipation at TC = 25 °C
50
W
PTOT
(1)
Total dissipation at TC = 25 °C
2
W
Derating factor
0.4
W/°C
TJ
Tstg
Operating junction temperature
storage temperature
-55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case (drain)
2.5
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1 inch², 2 oz Cu, t < 10 sec
Thermal resistance junction-pcb
42.8
°C/W
Rthj-pcb
(2)
2.
Steady-state
Thermal resistance junction-pcb
63.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com