Electronic Components Datasheet Search
  English  ▼

X  

STL12N3LLH5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL12N3LLH5
Description  N-channel 30 V, 0.0079 Ω, 12 A, PowerFLAT™(3.3 x 3.3) STripFET™ V Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL12N3LLH5 Datasheet(HTML) 4 Page - STMicroelectronics

  STL12N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL12N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STL12N3LLH5
4/11
Doc ID 018551 Rev 1
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 4.
On/off states
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID=250 µA, VGS=0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS=max. rating,
VDS=max. rating @125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS=± 22 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS=VGS, ID=250 µA
1
2.5
V
RDS(on)
Static drain-source on
resistance
VGS=10 V, ID=6 A
VGS=4.5 V, ID=6 A
0.0079
0.0095
0.0090
0.011
Ω
Ω
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS=25 V, f=1 MHz, VGS=0
1500
295
39
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15 V, ID=12 A
VGS=4.5 V
(see Figure 14)
12
4
4.7
nC
nC
nC
RG
Gate input resistance
f=1 MHz gate DC bias=0
Test signal level=20 mV
Open drain
0.5
1.5
2.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com