Electronic Components Datasheet Search
  English  ▼

X  

STL18N65M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL18N65M2
Description  Zener-protected
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18N65M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL18N65M2 Datasheet HTML 2Page - STMicroelectronics STL18N65M2 Datasheet HTML 3Page - STMicroelectronics STL18N65M2 Datasheet HTML 4Page - STMicroelectronics STL18N65M2 Datasheet HTML 5Page - STMicroelectronics STL18N65M2 Datasheet HTML 6Page - STMicroelectronics STL18N65M2 Datasheet HTML 7Page - STMicroelectronics STL18N65M2 Datasheet HTML 8Page - STMicroelectronics STL18N65M2 Datasheet HTML 9Page - STMicroelectronics STL18N65M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Test circuits
STL18N65M2
6/14
DocID026078 Rev 3
3
Test circuits
Figure 2. Switching times test circuit for
resistive load
Figure 3. Gate charge test circuit
Figure 4. Test circuit for inductive load
switching and diode recovery times
Figure 5. Unclamped inductive load test circuit
Figure 6. Unclamped inductive waveform
Figure 7. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com