Electronic Components Datasheet Search
  English  ▼

X  

STL18N65M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL18N65M2
Description  Zener-protected
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18N65M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STL18N65M2 Datasheet HTML 1Page - STMicroelectronics STL18N65M2 Datasheet HTML 2Page - STMicroelectronics STL18N65M2 Datasheet HTML 3Page - STMicroelectronics STL18N65M2 Datasheet HTML 4Page - STMicroelectronics STL18N65M2 Datasheet HTML 5Page - STMicroelectronics STL18N65M2 Datasheet HTML 6Page - STMicroelectronics STL18N65M2 Datasheet HTML 7Page - STMicroelectronics STL18N65M2 Datasheet HTML 8Page - STMicroelectronics STL18N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID026078 Rev 3
5/14
STL18N65M2
Electrical characteristics
14
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
8
A
ISDM
(1)
Source-drain current (pulsed)
-
32
A
VSD
(2)
Forward on voltage
ISD = 8 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 12 A, di/dt = 100 A/µs
VDD = 60 V
(see Figure 4)
-
331
ns
Qrr
Reverse recovery charge
-
3.4
µC
IRRM
Reverse recovery current
-
20.5
A
trr
Reverse recovery time
VDD = 60 V
di/dt = 100 A/µs, ISD = 12 A
Tj=150 °C (see Figure 4)
-
462
ns
Qrr
Reverse recovery charge
-
4.6
µC
IRRM
Reverse recovery current
-
20
A
1.
Pulse width limited by safe operating area.
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com