Electronic Components Datasheet Search
  English  ▼

X  

STL58N3LLH5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL58N3LLH5
Description  Automotive-grade N-channel 30 V, 0.0076 Ω typ., 56 A STripFET™ H5 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL58N3LLH5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL58N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL58N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL58N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL58N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL58N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL58N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL58N3LLH5 Datasheet HTML 9Page - STMicroelectronics STL58N3LLH5 Datasheet HTML 10Page - STMicroelectronics STL58N3LLH5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID026773 Rev 2
7/16
STL58N3LLH5
Electrical characteristics
16
Figure 8. Gate charge vs gate-source voltage
Figure 9. Capacitance variations
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
VGS
3
2
1
0
0
2
Qg(nC)
(V)
8
4
4
6
5
VDD=15V
ID=15A
6
AM10332v1
C
900
600
300
0
0
10
VDS(V)
(pF)
5
1200
15
Ciss
Coss
Crss
20
25
AM10333v1
VGS(th)
1.0
0.8
0.6
0.4
-75
TJ(°C)
(norm)
-25
1.2
75
25
125
ID=250µA
AM10336v1
VSD
4
8
ISD(A)
(V)
6
14
10
12
0.5
0.6
0.7
0.8
0.9
TJ=-55°C
TJ=150°C
TJ=25°C
AM10338v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com