Electronic Components Datasheet Search
  English  ▼

X  

STU3N45K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU3N45K3
Description  Gate charge minimized
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU3N45K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STU3N45K3 Datasheet HTML 1Page - STMicroelectronics STU3N45K3 Datasheet HTML 2Page - STMicroelectronics STU3N45K3 Datasheet HTML 3Page - STMicroelectronics STU3N45K3 Datasheet HTML 4Page - STMicroelectronics STU3N45K3 Datasheet HTML 5Page - STMicroelectronics STU3N45K3 Datasheet HTML 6Page - STMicroelectronics STU3N45K3 Datasheet HTML 7Page - STMicroelectronics STU3N45K3 Datasheet HTML 8Page - STMicroelectronics STU3N45K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
June 2013
DocID17206 Rev 3
1/14
STU3N45K3
N-channel 450 V - 3.3
Ω typ., 1.8 A Zener-protected
SuperMESH3™ Power MOSFET in a IPAK package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• 100% avalanche tested
• Extremely high dv/dt capability
• Gate charge minimized
• Very low intrinsic capacitance
• Improved diode reverse recovery
characteristics
• Zener protected
Applications
• Switching applications
Description
This SuperMESH3™ Power MOSFET is the
result of improvements applied to
STMicroelectronics’ SuperMESH™ technology,
combined with a new optimized vertical structure.
This device boasts an extremely low on-
resistance, superior dynamic performance and
high avalanche capability, rendering it suitable for
the most demanding applications.
D(2, TAB)
G(1)
S(3)
AM01476v1
IPAK
3
2
1
TAB
Order code
VDSS
RDS(on)
max
ID
Pw
STU3N45K3
450 V
< 4
Ω
1.8 A
27 W
Table 1.Device summary
Order code
Marking
Package
Packaging
STU3N45K3
3N45K3
IPAK
Tube
www.st.com


Similar Part No. - STU3N45K3

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
STU3N45K3 STATEK-STU3N45K3 Datasheet
838Kb / 14P
N-channel 450 V - 3.3 廓 typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
More results

Similar Description - STU3N45K3

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
Gate charge minimized
13-Aug-2013
STDLED625 STMICROELECTRONICS-STDLED625 Datasheet
1Mb / 18P
Gate charge minimized
28-Aug-2013
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
Gate charge minimized
22-Mar-2013
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
Gate charge minimized
26-Mar-2013
STF11N65K3 STMICROELECTRONICS-STF11N65K3 Datasheet
815Kb / 13P
Gate charge minimized
03-Oct-2011
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
Gate charge minimized
24-Jul-2012
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
Gate charge minimized
09-Sep-2010
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
Gate charge minimized
09-Apr-2013
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
Gate charge minimized
03-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com