Electronic Components Datasheet Search
  English  ▼

X  

STU3N45K3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STU3N45K3
Description  Gate charge minimized
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU3N45K3 Datasheet(HTML) 5 Page - STMicroelectronics

  STU3N45K3 Datasheet HTML 1Page - STMicroelectronics STU3N45K3 Datasheet HTML 2Page - STMicroelectronics STU3N45K3 Datasheet HTML 3Page - STMicroelectronics STU3N45K3 Datasheet HTML 4Page - STMicroelectronics STU3N45K3 Datasheet HTML 5Page - STMicroelectronics STU3N45K3 Datasheet HTML 6Page - STMicroelectronics STU3N45K3 Datasheet HTML 7Page - STMicroelectronics STU3N45K3 Datasheet HTML 8Page - STMicroelectronics STU3N45K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID17206 Rev 3
5/14
STU3N45K3
Electrical characteristics
14
The built-in back-to-back Zener diodes have been specifically designed to enhance not only
the device’s ESD capability, but also to make them capable of safely absorbing any voltage
transients that may occasionally be applied from gate to source. In this respect, the Zener
voltage is appropriate to achieve efficient and cost-effective protection of device integrity.
The integrated Zener diodes thus eliminate the need for external components.
Table 6.Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
Turn-on delay time
VDD = 225 V, ID = 0.9 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
-6.5
-
ns
tr
Rise time
-
5.4
-
ns
td(off)
Turn-off-delay time
-
17
-
ns
tf
Fall time
-
22
-
ns
Table 7.Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
Source-drain current
-
0.6
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
2.4
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 0.6 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 1.8 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 20)
-175
ns
Qrr
Reverse recovery charge
-
550
nC
IRRM
Reverse recovery current
-
6
A
trr
Reverse recovery time
ISD = 1.8 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 20)
-185
ns
Qrr
Reverse recovery charge
-
600
nC
IRRM
Reverse recovery current
-
6.5
A
Table 8.Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)GSO
Gate-source breakdown
voltage
IGS= ± 1 mA, ID=0
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com