Electronic Components Datasheet Search
  English  ▼

X  

STW9NK95Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW9NK95Z
Description  Gate charge minimized
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW9NK95Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW9NK95Z Datasheet HTML 1Page - STMicroelectronics STW9NK95Z Datasheet HTML 2Page - STMicroelectronics STW9NK95Z Datasheet HTML 3Page - STMicroelectronics STW9NK95Z Datasheet HTML 4Page - STMicroelectronics STW9NK95Z Datasheet HTML 5Page - STMicroelectronics STW9NK95Z Datasheet HTML 6Page - STMicroelectronics STW9NK95Z Datasheet HTML 7Page - STMicroelectronics STW9NK95Z Datasheet HTML 8Page - STMicroelectronics STW9NK95Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2008
Rev 2
1/12
12
STW9NK95Z
N-channel 950 V - 1.15
Ω - 7 A - TO-247
Zener-protected SuperMESHTM Power MOSFET
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
Application
■ Switching applications
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
Max
ID
Pw
STW9NK95Z
950 V
< 1.38
Ω 7 A
160 W
TO-247
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STW9NK95Z
9NK95Z
TO-247
Tube
www.st.com


Similar Part No. - STW9NK95Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW9NK90Z STMICROELECTRONICS-STW9NK90Z Datasheet
478Kb / 11P
N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Apr-2003
STW9NK90Z STMICROELECTRONICS-STW9NK90Z Datasheet
577Kb / 16P
N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
20-Jul-2006
STW9NK90Z STMICROELECTRONICS-STW9NK90Z Datasheet
997Kb / 17P
N-channel 900 V, 1.1 Ω, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH™Power MOSFET
19-May-2010
logo
Inchange Semiconductor ...
STW9NK90Z ISC-STW9NK90Z Datasheet
359Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW9NK95Z

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
Gate charge minimized
13-Aug-2013
STDLED625 STMICROELECTRONICS-STDLED625 Datasheet
1Mb / 18P
Gate charge minimized
28-Aug-2013
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
Gate charge minimized
22-Mar-2013
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
Gate charge minimized
26-Mar-2013
STF11N65K3 STMICROELECTRONICS-STF11N65K3 Datasheet
815Kb / 13P
Gate charge minimized
03-Oct-2011
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
Gate charge minimized
24-Jul-2012
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
Gate charge minimized
09-Sep-2010
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
Gate charge minimized
09-Apr-2013
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
Gate charge minimized
June 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com