Electronic Components Datasheet Search
  English  ▼

X  

MMBF170L Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBF170L
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF170L Datasheet(HTML) 1 Page - ON Semiconductor

  MMBF170L Datasheet HTML 1Page - ON Semiconductor MMBF170L Datasheet HTML 2Page - ON Semiconductor MMBF170L Datasheet HTML 3Page - ON Semiconductor MMBF170L Datasheet HTML 4Page - ON Semiconductor MMBF170L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 10
1
Publication Order Number:
MMBF170LT1/D
MMBF170L, NVBF170L
Power MOSFET
500 mA, 60 V, N−Channel SOT−23
Features
• NVBF Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDSS
60
Vdc
Drain−Gate Voltage
VDGS
60
Vdc
Gate−Source Voltage
− Continuous
− Non−repetitive (tp ≤ 50 ms)
VGS
VGSM
±20
±40
Vdc
Vpk
Drain Current − Continuous
− Pulsed
ID
IDM
0.5
0.8
Adc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1.) TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−5 = 1.0  0.75  0.062 in.
3
1
2
N−Channel
SOT−23
CASE 318
STYLE 21
MARKING DIAGRAM
& PIN ASSIGNMENT
500 mA, 60 V
RDS(on) = 5 W
3
Drain
2 Source
Gate 1
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 2 of this data sheet.
6Z MG
G
6Z
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - MMBF170L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBF170L-AE2-R UTC-MMBF170L-AE2-R Datasheet
140Kb / 2P
0.5A, 60V N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MMBF170LT1 MOTOROLA-MMBF170LT1 Datasheet
98Kb / 4P
TMOS FET Transistor
logo
ON Semiconductor
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
61Kb / 4P
Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
82Kb / 5P
Power MOSFET 500 mA, 60 V N-Channel SOT-23
April, 2008 - Rev. 6
MMBF170LT1G ONSEMI-MMBF170LT1G Datasheet
61Kb / 4P
Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
More results

Similar Description - MMBF170L

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com