Electronic Components Datasheet Search
  English  ▼

X  

MMBF170L Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBF170L
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF170L Datasheet(HTML) 4 Page - ON Semiconductor

  MMBF170L Datasheet HTML 1Page - ON Semiconductor MMBF170L Datasheet HTML 2Page - ON Semiconductor MMBF170L Datasheet HTML 3Page - ON Semiconductor MMBF170L Datasheet HTML 4Page - ON Semiconductor MMBF170L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBF170L, NVBF170L
www.onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
1.2
1.05
1.1
1.10
1.0
0.95
0.9
0.85
0.8
0.75
0.7
−60
−20
20
60
100
140
−60
−20
20
60
100
140
T, TEMPERATURE (°C)
Figure 8. Temperature versus Static
Drain−Source On−Resistance
T, TEMPERATURE (°C)
Figure 9. Temperature versus Gate
Threshold Voltage
VGS = 10 V
ID = 200 mA
VDS = VGS
ID = 1.0 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com