Electronic Components Datasheet Search
  English  ▼

X  

MMBF170L Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBF170L
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF170L Datasheet(HTML) 3 Page - ON Semiconductor

  MMBF170L Datasheet HTML 1Page - ON Semiconductor MMBF170L Datasheet HTML 2Page - ON Semiconductor MMBF170L Datasheet HTML 3Page - ON Semiconductor MMBF170L Datasheet HTML 4Page - ON Semiconductor MMBF170L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBF170L, NVBF170L
www.onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 3. On−Region Characteristics
Figure 4. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
7
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
4
3
2
1
0
0.4
0.8
1.0
1.0
1.2
TJ = 25°C
VGS = 10 V
4.2 V
5.0 V
4.5 V
4.0 V
3.8 V
3.6 V
3.4 V
3.2 V
3.0 V
2.8 V
VDS ≥ 10 V
TJ = 25°C
TJ = 150°C
TJ = −55°C
0.2
0.6
Figure 5. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
0.85
0.55
0.45
0.35
0.25
0.15
0
1
2
3
4
5
0.65
0.75
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
Figure 6. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
1
0.5
0
0
2.5
5
12.5
15
1.5
10
7.5
30
25
15
10
5
0
ID = 0.5 A
TJ = 25°C
QT
VDS
VGS
Qgd
Qgs
Figure 7. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
0.9
0.8
0.7
0.6
0.5
0.4
0
0.04
0.20
0.08
0.12
0.16
0.24
VGS = 0 V
TJ = 25°C
6
7
8
2
20
0.02
0.06
0.22
0.10
0.14
0.18
1.0
0.3
0.2
0.1
8
7
6
5
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com