Electronic Components Datasheet Search
  English  ▼

X  

78M05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 78M05
Description  Precision 500 mA regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78M05 Datasheet(HTML) 1 Page - STMicroelectronics

  78M05 Datasheet HTML 1Page - STMicroelectronics 78M05 Datasheet HTML 2Page - STMicroelectronics 78M05 Datasheet HTML 3Page - STMicroelectronics 78M05 Datasheet HTML 4Page - STMicroelectronics 78M05 Datasheet HTML 5Page - STMicroelectronics 78M05 Datasheet HTML 6Page - STMicroelectronics 78M05 Datasheet HTML 7Page - STMicroelectronics 78M05 Datasheet HTML 8Page - STMicroelectronics 78M05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
March 2017
DocID2146 Rev 21
1/47
This is information on a product in full production.
www.st.com
L78M
Precision 500 mA regulators
Datasheet - production data
Features
Output current to 0.5 A
Output voltages of 5; 6; 8; 9; 10; 12; 15;
24 V
Thermal overload protection
Short circuit protection
Output transition SOA protection
Output voltage tolerance: 2 % (AB and AC
versions) or 4 % (C version)
Guaranteed in extended temperature range
Description
The L78M series of three-terminal positive
regulators is available in TO-220, TO-220FP,
DPAK and IPAK packages and with several fixed
output voltages, making it useful in a wide range
of applications. These regulators can provide
local on-card regulation, eliminating the
distribution problems associated with single point
regulation. Each type employs internal current
limiting, thermal shutdown and safe area
protection, resulting it essentially indestructible.
If adequate heat sinking is provided, they can
deliver over 0.5 A output current. Although
designed primarily as fixed voltage regulators,
these devices can be used with external
components to obtain adjustable voltage and
currents.


Similar Part No. - 78M05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
78M05 TOSHIBA-78M05 Datasheet
669Kb / 20P
0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
78M05 FAIRCHILD-78M05 Datasheet
88Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
logo
List of Unclassifed Man...
78M05 ETC1-78M05 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
GUANGDONG HOTTECH INDUS...
78M05 HOTTECH-78M05 Datasheet
540Kb / 1P
Plastic-Encapsulate Voltage Regulator
More results

Similar Description - 78M05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78MXXAB STMICROELECTRONICS-L78MXXAB Datasheet
873Kb / 29P
Precision 500 mA regulators
20-Feb-2008
L78M05AB STMICROELECTRONICS-L78M05AB_11 Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M10ABDT-TR STMICROELECTRONICS-L78M10ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M24ABDT-TR STMICROELECTRONICS-L78M24ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
CD00000448 STMICROELECTRONICS-CD00000448 Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M05ACDT-TR STMICROELECTRONICS-L78M05ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M08ABDT-TR STMICROELECTRONICS-L78M08ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M12ABDT-TR STMICROELECTRONICS-L78M12ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M STMICROELECTRONICS-L78M_V01 Datasheet
1Mb / 45P
Precision 500 mA regulators
07-Sep-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com