Electronic Components Datasheet Search
  English  ▼

X  

78M05 Datasheet(PDF) 46 Page - STMicroelectronics

Part # 78M05
Description  Precision 500 mA regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78M05 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button 78M05 Datasheet HTML 39Page - STMicroelectronics 78M05 Datasheet HTML 40Page - STMicroelectronics 78M05 Datasheet HTML 41Page - STMicroelectronics 78M05 Datasheet HTML 42Page - STMicroelectronics 78M05 Datasheet HTML 43Page - STMicroelectronics 78M05 Datasheet HTML 44Page - STMicroelectronics 78M05 Datasheet HTML 45Page - STMicroelectronics 78M05 Datasheet HTML 46Page - STMicroelectronics 78M05 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Revision history
L78M
46/47
DocID2146 Rev 21
10
Revision history
Table 26: Document revision history
Date
Revision
Changes
21-Jun-2004
6
Document updating.
30-Aug-2006
7
Order codes updated.
29-Nov-2006
8
DPAK mechanical data updated and add footprint data.
06-Jun-2007
9
Order codes updated.
10-Dec-2007
10
Added Table 25.
19-Feb-2008
11
Modified: Table 25 on page 44.
15-Jul-2008
12
Modified: Table 25 on page 44 and Table 26 on page 45.
07-Apr-2009
13
Modified: Figure 9 on page 22 and Figure 15 on page 23.
14-Jun-2010
14
Added: Table 18 on page 26, Figure 29 on page 27, Figure 30 on page 28,
Figure 31 and Figure 32 on page 29.
11-Nov-2010
15
Modified: RthJC value for TO-220 Table 2 on page 5.
08-Feb-2012
16
Added: order codes L78M05CV-DG, L78M12CV-DG and L78M15CV-DG
Table 25 on page 44.
09-Mar-2012
17
Added: order codes L78M08CV-DG and L78M09CV-DG Table 25 on page 44.
15-May-2012
18
Added: order codes L78M24CV-DG Table 25 on page 44.
19-Apr-2013
19
Removed: Available on request footnote 2 Table 25 on page 44.
04-Jun-2014
20
Part numbers L78MxxAB, L78MxxAC and L78MxxC changed to
L78M.
Updated the title and the features in cover page.
Canceled Table 1.Device summary.
Updated Section 3: Maximum ratings, Section 5: Electrical characteristics,
Section 6: Typical performance and Section 8: Package mechanical data.
Added Section 7: Applications information and Section 9: Packaging mechanical
data.
Minor text changes.
21-Mar-2017
21
Updated Section 8: "Package information" (DPAK package information changed
from type F to type I).
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com