Electronic Components Datasheet Search
  English  ▼

X  

78M05 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 78M05
Description  Precision 500 mA regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78M05 Datasheet(HTML) 5 Page - STMicroelectronics

  78M05 Datasheet HTML 1Page - STMicroelectronics 78M05 Datasheet HTML 2Page - STMicroelectronics 78M05 Datasheet HTML 3Page - STMicroelectronics 78M05 Datasheet HTML 4Page - STMicroelectronics 78M05 Datasheet HTML 5Page - STMicroelectronics 78M05 Datasheet HTML 6Page - STMicroelectronics 78M05 Datasheet HTML 7Page - STMicroelectronics 78M05 Datasheet HTML 8Page - STMicroelectronics 78M05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
L78M
Maximum ratings
DocID2146 Rev 21
5/47
3
Maximum ratings
Table 1: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
for VO = 5 to 18 V
35
V
for VO = 20, 24 V
40
IO
Output current
Internally limited
mA
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
- 65 to 150
°C
TOP
Operating junction temperature range
for L78MxxAC
0 to 125
°C
for L78MxxAB
-40 to 125
for L78MxxC
0 to 150
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these condition is not implied.
Table 2: Thermal data
Symbol
Parameter
TO-220
TO-220FP
DPAK
IPAK
Unit
RthJC
Thermal resistance junction-case
5
5
8
8
°C/W
RthJA
Thermal resistance junction-ambient
50
60
100
100
°C/W
Figure 4: Application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com