Electronic Components Datasheet Search
  English  ▼

X  

L9777C Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9777C
Description  High precision output voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9777C Datasheet HTML 7Page - STMicroelectronics L9777C Datasheet HTML 8Page - STMicroelectronics L9777C Datasheet HTML 9Page - STMicroelectronics L9777C Datasheet HTML 10Page - STMicroelectronics L9777C Datasheet HTML 11Page - STMicroelectronics L9777C Datasheet HTML 12Page - STMicroelectronics L9777C Datasheet HTML 13Page - STMicroelectronics L9777C Datasheet HTML 14Page - STMicroelectronics L9777C Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID13496 Rev 4
11/25
L9777
Functional description
24
3
Functional description
3.1
Voltage regulator
This device supply an always active 5 V regulated voltage on pin VCC with a current
capability up to 200 mA. VCC voltage has an accuracy of 2% over a wide supply voltage
(VI = 5.6 V to 31 V) and temperature range (TJ = -40 °C to 150 °C).
A short circuit protection to GND is provided (see Figure 6).
By means of tracking regulator, it is available a second output regulated voltage on pin VDD
with a current capability up to 50 mA. This regulated output is switchable on/off by external
pin VDD_EN.
Figure 6. VCC versus output current IVCC
3.2
Reset
The reset circuit monitors the output voltage VCC. In case of internal reset threshold, if the
output voltage stays lower than VCCUN for a filter time TRR, then NMI goes low.
This filter time depends on the distance between the VCC output and the under voltage
reset threshold (VCCUN): this solution increases the noise immunity of the voltage regulator
be-cause the filter time between the reset event and the falling of NMI output changes
according to the depth of spike on output voltage (see following picture).
A minimum filter time of 1 μs (TRR1) is guaranteed if VCC goes down to 2.5 V and
VS > 5.6 V.
Figure 7. Filter time between VCC and NMI
Otherwise, in case of external reset threshold fixed by means of external resistor divider on
pin RADJ, there is only a constant filter time (TRRADJ) of 1 μs min value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com