Electronic Components Datasheet Search
  English  ▼

X  

L9777C Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9777C
Description  High precision output voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777C Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9777C Datasheet HTML 15Page - STMicroelectronics L9777C Datasheet HTML 16Page - STMicroelectronics L9777C Datasheet HTML 17Page - STMicroelectronics L9777C Datasheet HTML 18Page - STMicroelectronics L9777C Datasheet HTML 19Page - STMicroelectronics L9777C Datasheet HTML 20Page - STMicroelectronics L9777C Datasheet HTML 21Page - STMicroelectronics L9777C Datasheet HTML 22Page - STMicroelectronics L9777C Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID13496 Rev 4
19/25
L9777
Electrical and thermal characteristics
24
7
Electrical and thermal characteristics
VI = 5.6V to 31V, TJ = -40°C to +150°C unless otherwise specified.
Table 4. Electrical and thermal characteristics
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
General
VCC
VCCREF
Output voltage
VI = 5.6 to 31 V
IVCC = 0 to 200 mA
4.9
5.00
5.1
V
VCC
ISHORT
Short circuit current
VCC = 0 V
150
250
500
mA
VCC
ILIM1
Output current limitation
210
300
600
mA
VI, VCC
IQS0
Current consumption
with watchdog not active
IQS0 = IVI-IVCC
Option A
VI =13.5 V, IVCC = 0 mA,
WD_EN = 0 V
VDD_EN = 0 V
(VDD disabled)
-
110
220
μA
Option B
VI = 13.5 V, IVCC = 0 mA,
WD_EN floating or low,
VDD_EN floating or low
(VDD disabled)
-
100
200
μA
Option C
VI = 13.5 V, IVCC = 0 mA,
WD_EN floating or low,
VDD_EN floating or low
(VDD reset active)
-
400
700
μA
IQS200
Current consumption
IQS200 = IVI-IVCC
VI = 13.5 V, IVCC = 200 mA
-2
3
mA
VI, VCC
VDP1
Dropout voltage
IVCC = 200 mA
-
200
400
mV
VCC
VLINE1
Line regulation voltage
VI = 5.6 to 31 V
IVCC = 0 to 200 mA
--
25
mV
VCC
VLOAD1
Load regulation voltage
IVCC = 0 to 200 mA
-
-
25
mV
VCC
SVR
Ripple rejection
fr = 100 Hz
55
-
-
dB
-TW
Thermal protection
temperature
-
150
-
190
°C
-TWH
Thermal protection
temperature hysteresis
-
-
10
-
°C
NMI
NMI
VNMIL
NMI output low voltage
Rext = 5 kΩ to VCC, VCC > 1 V
-
-
0.4
V
NMI
INMILK
NMI output leakage
current
VNMI = 5 V
-
-
1
μA
NMI
RNMI
Pull up internal
resistance
-12
25
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com