Electronic Components Datasheet Search
  English  ▼

X  

L9777C Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9777C
Description  High precision output voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9777C Datasheet HTML 8Page - STMicroelectronics L9777C Datasheet HTML 9Page - STMicroelectronics L9777C Datasheet HTML 10Page - STMicroelectronics L9777C Datasheet HTML 11Page - STMicroelectronics L9777C Datasheet HTML 12Page - STMicroelectronics L9777C Datasheet HTML 13Page - STMicroelectronics L9777C Datasheet HTML 14Page - STMicroelectronics L9777C Datasheet HTML 15Page - STMicroelectronics L9777C Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Functional description
L9777
12/25
DocID13496 Rev 4
In both cases, if the output voltage VCC becomes lower than 2.0V (typ) than NMI may go
immediately low without any delay. The NMI low signal is guaranteed for an output voltage
VCC greater than 1V.
When VCC returns over VCCUN threshold NMI goes high with a filter time TRD. This time is
obtained by 127 period of an oscillator with an additional initial time. The oscillator period is
given by:
TOSC
VDU VDRL
–
 CD

IRC
-----------------------------------------------------------
VDU VDRL
–
 CD

IRD
-----------------------------------------------------------
+
=
where:
ICR = 20 μA (typ) is a current internally generated,
IDR = 20 μA (typ) is a current internally generated,
VDU = 1.24 V and VDRL = 0.62 V are two typical internal thresholds,
CD is the external capacitance on pin D.
TRD is given by:
TRD (s) = T0 + 127 x TOSC = 0.62*10-3 + 7.874* 106 * CD (typ)
Where T0 is the initial ramp between 0 V and VDU as in Figure 8.
Figure 8. Reset time diagram
If NMI output goes to 0 V for filter time TRESDF (which is fixed by external cap on TIMING
pin) also the RESET signal goes to 0 V. RESET low signal is guaranteed for VCC > 1 V.
Figure 9. Filter time between NMI and RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com