Electronic Components Datasheet Search
  English  ▼

X  

UM1059 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1059
Description  The STPMC1 and STPMS2 evaluation kit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1059 Datasheet(HTML) 7 Page - STMicroelectronics

  UM1059 Datasheet HTML 1Page - STMicroelectronics UM1059 Datasheet HTML 2Page - STMicroelectronics UM1059 Datasheet HTML 3Page - STMicroelectronics UM1059 Datasheet HTML 4Page - STMicroelectronics UM1059 Datasheet HTML 5Page - STMicroelectronics UM1059 Datasheet HTML 6Page - STMicroelectronics UM1059 Datasheet HTML 7Page - STMicroelectronics UM1059 Datasheet HTML 8Page - STMicroelectronics UM1059 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UM1059
Getting started
DocID018518 Rev 2
7/9
3
Getting started
3.1
Board connection
Plug in one or more STEVAL-IPE014V1, using the connectors DAR, DAS, DAT, and DAN
(optional for 4-wire with tamper system), as shown in Figure 3: "STEVAL-IPE010V2
daughterboard assembly":
Figure 3: STEVAL-IPE010V2 daughterboard assembly
3.2
System configuration
Once one or more STEVAL-IPE014V1 boards are plugged into the STEVAL-IPE010V2
board and powered on, the system must be programmed and configured through the
STPMC1 GUI.
The basic STPMC1 configuration bits to be set are the following:
TCS = 1: current transformer sensor selected
PM = 1: the STPMS2 device selected for precision mode
HSA = 1: high speed clock output for the STPMS2 device
Please, note that these boards are not neither programmed and nor calibrated.
To calibrate the system, first set the calibrator value to the middle of the range, setting
CVX7 = 1 and CIX7 = 1 (where X stands for R, S, T, or N according to the phase the
STPMS2 board is plugged into).
To complete the calibration, use the STPMC1 GUI and follow the procedure described in
AN3398.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com