Electronic Components Datasheet Search
  English  ▼

X  

UM1059 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1059
Description  The STPMC1 and STPMS2 evaluation kit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1059 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1059 Datasheet HTML 1Page - STMicroelectronics UM1059 Datasheet HTML 2Page - STMicroelectronics UM1059 Datasheet HTML 3Page - STMicroelectronics UM1059 Datasheet HTML 4Page - STMicroelectronics UM1059 Datasheet HTML 5Page - STMicroelectronics UM1059 Datasheet HTML 6Page - STMicroelectronics UM1059 Datasheet HTML 7Page - STMicroelectronics UM1059 Datasheet HTML 8Page - STMicroelectronics UM1059 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UM1059
Overview
DocID018518 Rev 2
3/9
1
Overview
1.1
Safety rules
This set of boards can be connected to mains voltage (220 V/110 V). In the case of
improper use, wrong installation or malfunction, there is a danger of serious personal injury
and damage to property. All operations such as: transport, installation, and commissioning,
as well as maintenance, should be carried out by skilled technical personnel only (national
accident prevention rules must be observed).
Due to the risk of death when this prototype on mains voltage (220 V/110 V) is used,
“skilled technical personnel” only, who are familiar with installation, mounting,
commissioning, and operating with power electronic systems and have the qualifications to
perform these functions, may use this prototype.
1.2
Operating conditions
Table 1: Operating conditions
Condition
Value
Unit
VNOM
230
VRMS
INOM
CT: INOM = 1
ARMS
IMAX
CT: IMAX = 30
ARMS
fLIN
50/60 ± 10%
Hz
TOP
-40 / +85
°C
1.3
Features
Modularity
Programmability
Supports:
3-phase, 4-wire RSTN, 4-system RSTN (tamper); extra module is needed
3-phase, 4-wire RSTN, 3-system RST
3-phase, 3-wire RST_, 3-system RST_ (tamper)
3-phase, 3-wire RST_, 2-system R_T_ (Aron)
2-phase, 3-wire _STN, 2-system _ST_ (America)
1-phase, 2-wire __TN, 2-system _ST_ (tamper)
1-phase, 2-wire __TN, 1-system __T_
4 LEDs showing:
Power
No load condition
Tamper detection
Reverse current direction
Embedded capacitive power supply
Isolation of current channel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com