Electronic Components Datasheet Search
  English  ▼

X  

UM1059 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1059
Description  The STPMC1 and STPMS2 evaluation kit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1059 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1059 Datasheet HTML 1Page - STMicroelectronics UM1059 Datasheet HTML 2Page - STMicroelectronics UM1059 Datasheet HTML 3Page - STMicroelectronics UM1059 Datasheet HTML 4Page - STMicroelectronics UM1059 Datasheet HTML 5Page - STMicroelectronics UM1059 Datasheet HTML 6Page - STMicroelectronics UM1059 Datasheet HTML 7Page - STMicroelectronics UM1059 Datasheet HTML 8Page - STMicroelectronics UM1059 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UM1059
STEVAL-IPE014V1 components
DocID018518 Rev 2
5/9
2
STEVAL-IPE014V1 components
2.1
Package content
The package contains:
Number 1 STEVAL-IPE014V1
Promotional CD
2.2
STEVAL-IPE014V1
This board is a daughterboard. Each module serves one single phase, converting the
voltage and current information, multiplexing them together, and sending the stream to the
STPMC1.
Each of the boards must be connected to the voltage source of the relative phase and to
the load.
Test points available are:
GND
VCC (stepper counter display connector)
CLK
DAT
VREG
F, N
The board should be plugged into the motherboard by the edge connector. Voltage inputs
are pin F (hot wire) and N (neutral wire).
Current input (load wire) should be passed through the current transformer placed on the
non-component side of the module.
2.2.1
Jumper settings
The onboard jumpers JP1, JP2, JP3, and JP4 allow the setting of the STPMS2L-PUR
device according to Table 2: "Precision mode and input amplifier gain selection", Table 3:
"TC of the bandgap reference", Table 4: "Control of voltage channel and output signals"
and Table 5: "Selection of hard, soft or test mode and enable of BIST" below:
Table 2: Precision mode and input amplifier gain selection
JP1
MS0
Description
1
GND
LPR, amplifier GAIN selection g3 = 16
2
CLK
LPR, amplifier GAIN selection g0 = 2
3
NCLK
HPR, amplifier GAIN selection g0 = 2
4
(1)
VCC
HPR, amplifier GAIN selection g3 = 16
Notes:
(1)
Default value



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com