Electronic Components Datasheet Search
  English  ▼

X  

UM1537 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 2Page - STMicroelectronics UM1537 Datasheet HTML 3Page - STMicroelectronics UM1537 Datasheet HTML 4Page - STMicroelectronics UM1537 Datasheet HTML 5Page - STMicroelectronics UM1537 Datasheet HTML 6Page - STMicroelectronics UM1537 Datasheet HTML 7Page - STMicroelectronics UM1537 Datasheet HTML 8Page - STMicroelectronics UM1537 Datasheet HTML 9Page - STMicroelectronics UM1537 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Overview
UM1537
6/52
Doc ID 023059 Rev 1
1
Overview
1.1
Features
●
Three 5 V power supply options: power jack, ST-LINK/V2 USB connector or
daughterboard
●
Audio speaker and microphone connected to DAC and ADC of STM32F051R8T6
●
2 Gbyte or more SPI interface MicroSD card
●
I2C compatible serial interface temperature sensor
●
RF E2PROM
●
RS-232 and RS-485 communication
●
IrDA transceiver
●
IR LED and IR receiver
●
SWD debug support, ST-LINK/V2 embedded
●
240 x 320 TFT color LCD connected to SPI interface of STM32F051R8T6
●
Joystick with 4-direction control and selector
●
Reset, tamper and user buttons
●
4 color LEDs
●
Extension connector for daughterboard or wrapping board
●
MCU voltage choice fixed at 3.3 V or adjustable from 2 to 3.6 V
●
Linear sensor
●
Light dependent resistor (LDR)
●
Potentiometer
●
Two HDMI connectors with DDC and CEC
●
Motor control connector
●
Boards RoHS compliant (lead free)
1.2
Demonstration software
Demonstration software is preloaded in the board's Flash memory for easy demonstration of
the device peripherals in stand-alone mode. For more information and to download the
latest version available, refer to the STM320518-EVAL demonstration software available at
www.st.com.
1.3
Order code
To order the STM32F051R8T6 evaluation board, use the order code STM320518-EVAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com