Electronic Components Datasheet Search
  English  ▼

X  

UM1537 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 7Page - STMicroelectronics UM1537 Datasheet HTML 8Page - STMicroelectronics UM1537 Datasheet HTML 9Page - STMicroelectronics UM1537 Datasheet HTML 10Page - STMicroelectronics UM1537 Datasheet HTML 11Page - STMicroelectronics UM1537 Datasheet HTML 12Page - STMicroelectronics UM1537 Datasheet HTML 13Page - STMicroelectronics UM1537 Datasheet HTML 14Page - STMicroelectronics UM1537 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
UM1537
Hardware layout and configuration
Doc ID 023059 Rev 1
11/52
2.2
Power supply
The STM320518-EVAL evaluation board is designed to be powered by a 5V DC power
supply and to be protected by PolyZen from incorrect power plug-in events.
It is possible to configure the evaluation board to use any of the following three sources for
the power supply.
●
5V DC power adapter connected to CN15, the power jack on the board (power supply
unit (PSU) on the silk screen). External power supply is not provided with the board.
●
5V DC power with 500 mA limitation from CN13, the USB type B connector of ST-
LINK/V2 (USB 5 V power source (STlk) on silkscreen).
●
5V DC power from CN6, the extension connector for daughterboard (daughterboard
power source (D5V) on silkscreen).
The power source is selected by setting the related jumpers JP8 as described in Table 3.
Table 3.
Power source related jumpers
Jumper
Description
JP8
JP8 selects one of the three possible power supply resources.
For the power supply jack (CN15) to STM320518-EVAL only,
JP8 is set as shown:
For power supply from the daughterboard connectors (CN6) to
STM320518-EVAL only, JP8 is set as shown:
For power supply from USB (CN13) of ST-LINK/V2 to STM320518-
EVAL only, JP8 is set as shown (default setting):
For power supply from the power supply jack (CN15) to both
STM320518-EVAL and daughterboard connected on CN5 and CN6,
JP8 is set as shown (the daughterboard must not have its own power
supply connected):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com