Electronic Components Datasheet Search
  English  ▼

X  

UM1537 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 6Page - STMicroelectronics UM1537 Datasheet HTML 7Page - STMicroelectronics UM1537 Datasheet HTML 8Page - STMicroelectronics UM1537 Datasheet HTML 9Page - STMicroelectronics UM1537 Datasheet HTML 10Page - STMicroelectronics UM1537 Datasheet HTML 11Page - STMicroelectronics UM1537 Datasheet HTML 12Page - STMicroelectronics UM1537 Datasheet HTML 13Page - STMicroelectronics UM1537 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Hardware layout and configuration
UM1537
10/52
Doc ID 023059 Rev 1
2.1
Development and debug support
Version 2 of the ST-LINK (ST-LINK/V2) is embedded on the board. This tool allows onboard
program loading and debugging of the STM32F051R8T6 using the SWD interface. The
third-party debug tools are also supported by the SWD connector CN10.
A specific driver must be installed on your PC for communication with the embedded ST-
LINK/V2. This driver, called ST-LINK_V2_USBdriver.exe is available on the web. To
download and install this driver, refer to the software and development tools page for the
STM32F0 family on www.st.com.
Third-party toolchains, such as Atollic TrueSTUDIO, Keil MDK-ARM, IAR EWARM and
TASKING VX-toolset for ARM Cortex-M, support ST-LINK/V2 according to Table 2.
The embedded ST-LINK/V2 is connected to the PC via a standard USB cable from
connector CN13. The bicolor LED LD7 (COM) indicates the status of the communication as
follows.
●
Slow blinking Red/Off: at power-on before USB initialization.
●
Fast blinking Red/Off: after the first correct communication between the PC and ST-
Link/V2 (enumeration).
●
Constant Red On: when initialization between the PC and ST-LINK/V2 is successfully
finished.
●
Constant Green On: after successful target communication initialization.
●
Blinking Red/Green: during communication with the target.
●
Red On: communication is finished and OK.
●
Orange On: communication failure.
Note:
The board can be powered via CN13 (embedded ST/LINK/V2 USB connector) even if an
external tool is connected to CN9 (high density SWD connector) or CN10 (SWD connector).
Table 2.
Third-party toolchain support
Manufacturer
Toolchain
From version...
Atollic
TrueSTUDIO
2.1
IAR
EWARM
6.20.4
Keil
MDK-ARM
4.20
TASKING
VX-toolset for ARM Cortex-M
4.0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com