Electronic Components Datasheet Search
  English  ▼

X  

UM2120 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM2120
Description  EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2120 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM2120 Datasheet HTML 2Page - STMicroelectronics UM2120 Datasheet HTML 3Page - STMicroelectronics UM2120 Datasheet HTML 4Page - STMicroelectronics UM2120 Datasheet HTML 5Page - STMicroelectronics UM2120 Datasheet HTML 6Page - STMicroelectronics UM2120 Datasheet HTML 7Page - STMicroelectronics UM2120 Datasheet HTML 8Page - STMicroelectronics UM2120 Datasheet HTML 9Page - STMicroelectronics UM2120 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Connection of two EVALSTGAP1AS boards
UM2120
6/18
DocID029823 Rev 1
2
Connection of two EVALSTGAP1AS boards
It is possible to connect two EVALSTGAP1AS boards through connectors J1 and J5: the
lower board (master) shall be connected to the µC and the other one (slave) is configured
through the daisy chain connection of the SPI bus.
Figure 4. Relevant jumper and connector locations for 2-board configuration
Connecting two EVALSTGAP1AS boards allows implementing independent, half bridge, or
interleaved configuration of power switches Q1m and Q1s.
The logic side power supply VDD shall be fed to the J6 of the master board, that will also
supply the slave board through J1 - J5 connectors. The jumper JP4 and JP6 of each board
shall be properly set (see Table 4). A setting of the JP4slave is not relevant.
Positive VH and optional negative VL power supplies for each board shall be independently
provided by different sources to connectors J2master and J2slave unless an interleaved
operation is required, in which case VH, GNDISO and VL nets of each board shall be
externally connected. The jumper JP5 of each board shall be properly configured (see
Table 5).
Table 8. Jumper configurations for SPI settings using two EVALSTGAP1AS boards
Name
Function
Jumper configurations
JP3master
SPI daisy chain configuration
OPEN
JP3slave
SPI daisy chain configuration
CLOSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com