Electronic Components Datasheet Search
  English  ▼

X  

UM2120 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM2120
Description  EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2120 Datasheet(HTML) 3 Page - STMicroelectronics

  UM2120 Datasheet HTML 1Page - STMicroelectronics UM2120 Datasheet HTML 2Page - STMicroelectronics UM2120 Datasheet HTML 3Page - STMicroelectronics UM2120 Datasheet HTML 4Page - STMicroelectronics UM2120 Datasheet HTML 5Page - STMicroelectronics UM2120 Datasheet HTML 6Page - STMicroelectronics UM2120 Datasheet HTML 7Page - STMicroelectronics UM2120 Datasheet HTML 8Page - STMicroelectronics UM2120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID029823 Rev 1
3/18
UM2120
Hardware description and configuration
18
1
Hardware description and configuration
The STGAP1AS features an SPI interface that is used to set the device parameters, enable
or disable the device functions and for advanced diagnostic. However for an easy device
evaluation it is also possible to operate the STGAP1AS without using the SPI interface. In
this case the driver works with default configuration values and protections. For more details
refer to Section 3.1: Using EVALSTGAP1AS in standalone mode on page 10.
Table 1. STGAP1AS electrical specifications
Symbol
Parameter
Min.
Max.
Unit
VH
Positive supply voltage (VH vs. GNDISO)
4.5(1)
1. When UVLO is enabled this value is VHon_max.
20(2)
2. This value is limited by maximum gate-source voltage of Q1.
V
VL
Negative supply voltage (VL vs. GNDISO)
GNDISO - 10(3)
3. When UVLO is enabled this value is VLon_max.
GNDISO
V
VHL
Differential supply voltage (VH vs. VL)
36
V
VDD
Integrated 3.3 V voltage regulator input voltage vs.
GND
4.5
5.5(4)
4. When JP6 = OPEN (VDD is not connected to VREG pin, refer to STGAP1AS DS).
V
33.6(5)
5. When JP6 = CLOSED (VDD is connected to VREG pin, refer to STGAP1AS DS).
VLOGIC Logic pins voltage vs. GND
VDD + 0.3
V
VIORM Maximum working voltage across isolation
1500
V
Vcollector Maximum COLLECTOR-GNDISO voltage
1200(6)
6. This value is limited by the voltage rating of Q1 and D5.
V
Table 2. Connector descriptions
Name
Type
Function
J1
Board extension connector Used to connect an optional slave EVALSTGAP1AS board.
J2
Power supply connector
Used to feed supply voltage VH and optional negative supply
voltage VL to the gate driving side.
J3
Control signals connector
Used for control (logic inputs and fault signals interfacing).
J4
Control signals connector
Used for the STGAP1AS SPI and diagnostic interfacing.
Connector is suitable for interfacing to the
STEVAL-PCC009V2 universal interface board.
J5
Board extension connector
Used to connect the master EVALSTGAP1AS board in 2-
board configuration.
J6
Power supply connector
Used to feed supply voltage VDD to the logic control side.
C plate Load connection
A plate hole for the load current input path (IGBT collector).
E plate Load connection
A plate hole for the load current output path (IGBT emitter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com