Electronic Components Datasheet Search
  English  ▼

X  

UM2120 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM2120
Description  EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2120 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM2120 Datasheet HTML 7Page - STMicroelectronics UM2120 Datasheet HTML 8Page - STMicroelectronics UM2120 Datasheet HTML 9Page - STMicroelectronics UM2120 Datasheet HTML 10Page - STMicroelectronics UM2120 Datasheet HTML 11Page - STMicroelectronics UM2120 Datasheet HTML 12Page - STMicroelectronics UM2120 Datasheet HTML 13Page - STMicroelectronics UM2120 Datasheet HTML 14Page - STMicroelectronics UM2120 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID029823 Rev 1
11/18
UM2120
Getting started
18
3.1.4
EVALSTGAP1AS default parameters
IN-/DIAG2 configured as input
Active Miller clamp enabled
Desaturation detection enabled: VDESATth = 7 V and IDESAT = 250 µA
VDD OVLO function enabled
Thermal shutdown protection enabled
The DIAG1 pin reports the following faults event:
–
DESAT events
–
VDD supply failures
–Missing VH
–
Thermal shutdown
–
Register error R and L
All others features are disabled
3.2
Using EVALSTGAP1AS with STEVAL-PCC009V2 and
STGAP1AS evaluation software
Using the EVALSTGAP1AS board in connection with the 'STGAP1AS evaluation software'
and the STEVAL-PCC009V2 interface board it is possible to evaluate the device
functionalities and driving two EVALSTGAP1AS boards implementing independent, half
bridge, or interleaved configuration of power switches.
The software allows saving the device parameters configuration in a dedicated file that can
be reloaded whenever it is necessary, for example after the board power-on. The 'Save' and
'Load' buttons on the bottom-left side of the STGAP1AS configuration panel (Figure 10)
have these functions.
3.2.1
Check list
Microsoft® Windows® 7 or Windows® XP PC with a free USB port
EVALSTGAP1AS board
STEVAL-PCC009V2 interface board
STGAP1AS evaluation software (the right version for your OS)
Power supply
PWM function generator
10-pin flat cable and USB - MiniUSB cable
3.2.2
Single EVALSTGAP1AS board setup example
1.
VDD = 3.3 V from the STEVAL-PCC009V2: closing JP4 and JP6
2.
VH from external power supply (J2 connector)
3.
VL = GNDISO (JP5 closed)
4.
PWM input signals can be applied to the J3 connector (IN-, IN+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com