Electronic Components Datasheet Search
  English  ▼

X  

TMS417409A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TMS417409A
Description  4194304 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TMS417409A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button TMS417409A Datasheet HTML 6Page - National Semiconductor (TI) TMS417409A Datasheet HTML 7Page - National Semiconductor (TI) TMS417409A Datasheet HTML 8Page - National Semiconductor (TI) TMS417409A Datasheet HTML 9Page - National Semiconductor (TI) TMS417409A Datasheet HTML 10Page - National Semiconductor (TI) TMS417409A Datasheet HTML 11Page - National Semiconductor (TI) TMS417409A Datasheet HTML 12Page - National Semiconductor (TI) TMS417409A Datasheet HTML 13Page - National Semiconductor (TI) TMS417409A Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TMS416409A, TMS417409A, TMS426409A, TMS427409A
4194304 BY 4-BIT EXTENDED DATA OUT
DYNAMIC RANDOM-ACCESS MEMORIES
SMKS893B – AUGUST 1996 – REVISED APRIL 1997
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
TMS417409A
PARAMETER
TEST CONDITIONS†
’417409 A- 50
’417409A - 60
’417409A - 70
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output
voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current (leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All others = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current
(leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
CAS high
± 10
± 10
± 10
µA
ICC1‡§
Average read- or
write-cycle current
VCC = 5.5 V,
Minimum cycle
130
110
100
mA
ICC2
Average standby
VIH = 2.4 V ( TTL),
After one memory cycle,
RAS and CAS high
2
2
2
mA
ICC2
gy
current
VIH = VCC – 0.2 V (CMOS),
After one memory cycle,
RAS and CAS high
1
1
1
mA
ICC3‡§
Average refresh current
(RAS-only refresh or
CBR)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
CAS high (RAS only),
RAS low after CAS low (CBR)
130
110
100
mA
ICC4‡¶ Average EDO current
VCC = 5.5 V,
tHPC = MIN,
RAS low,
CAS cycling
110
90
80
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RAS = VIL
¶ Measured with a maximum of one address change during each EDO cycle, tHPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com